Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2541SQ2690E Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2541SQ2690E
Description  Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2541SQ2690E Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2541SQ2690E Datasheet HTML 1Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 2Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 3Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 4Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 5Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 6Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 7Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 8Page - National Semiconductor (TI) LMX2541SQ2690E Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Pin Descriptions
Pin #
Name
Type
Description
0
GND
GND
The DAP pad must be grounded.
1
GND
GND
2
VregRFout
LDO Output
LDO Output for RF output buffer.
3
VccRFout
Supply
(LDO Input)
Supply for the RF output buffer.
4
L1
NC
Do not connect this pin.
5
Lmid
NC
Do not connect this pin.
6
L2
NC
Do not connect this pin.
7
VccVCO
Supply
(LDO Input)
Supply for the VCO.
8
VregVCO
LDO Output
LDO Output for RF output buffer.
9
VrefVCO
LDO Bypass
LDO Bypass
10
GND
GND
11
CE
CMOS
Chip Enable.
The device needs to be programmed for this pin to properly power down the device.
12
ExtVCOin
RF Input
Optional input for use with an external VCO.
This pin should be AC coupled if used or left open if not used.
13
VccPLL1
Supply
Power supply for PLL N counter.
14
VccCP1
Supply
Power supply for PLL charge pump up current.
15
Vtune
High-Z Input
Tuning voltage input to the VCO.
16
CPout
Output
Charge pump output.
17
FLout
Output
Fastlock output.
18
VccCP2
Supply
Power supply for PLL charge pump down current.
19
VccPLL2
Supply
Power supply for PLL R Counter
20
Ftest/LD
Output
Software controllable multiplexed CMOS output.
Can be used to monitor PLL lock condition.
21
OSCin
High-Z Input
Oscillator input signal. If not being used with an external crystal, this input should be AC
coupled.
22
OSCin*
High-Z Input
Complementary oscillator input signal. Can also be used with an external crystal. If not
being used with an external crystal, this input should be AC coupled.
23
VccOSCin
Supply
Supply for the OSCin buffer.
24
RFoutEN
Input
Software programmable output enable pin.
25
VccFRAC
Supply
(LDO Input)
Power Supply for the fractional circuitry.
26
VregFRAC
LDO Output
Regulated power supply used for the fractional delta-sigma circuitry.
27
GND
GND
28
VccDig
Supply
Supply for digital circuitry, such the MICROWIRE.
29
VccBias
Supply
Supply for Bias circuitry that is for the whole chip.
30
Bypass
Bypass
Put a cap to the VccBias pin.
31
VccDiv
Supply
Supply for the output divider
32
DATA
High-Z Input
MICROWIRE serial data input. High impedance CMOS input.
This pin must not exceed 3.45 V.
33
CLK
High-Z Input
MICROWIRE clock input. High impedance CMOS input.
This pin is used for the digital FSK modulation feature.
This pin must not exceed 3.45 V.
34
LE
High-Z Input
MICROWIRE Latch Enable input. High impedance CMOS input.
This pin must not exceed 3.45 V.
35
NC
NC
No connect.
36
RFout
RF Output
RF output. Must be AC coupled if used.
www.national.com
4


Similar Part No. - LMX2541SQ2690E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQ2690E TI1-LMX2541SQ2690E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2690E TI-LMX2541SQ2690E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ2690E TI1-LMX2541SQ2690E Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQ2690E/NOPB TI1-LMX2541SQ2690E/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
More results

Similar Description - LMX2541SQ2690E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com