Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

370GS007M19 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 370GS007M19
Description  Submersible Cable Sealing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370GS007M19 Datasheet(HTML) 2 Page - Glenair, Inc.

  370GS007M19 Datasheet HTML 1Page - Glenair, Inc. 370GS007M19 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 9
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
TABLE X: CABLE ENTRY
Dash
No.
04
06
08
10
12
16
20
24
28
32
T
Max
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.811 (20.6)
.905 (23.0)
1.092 (27.7)
1.124 (28.5)
1.399 (35.5)
1.399 (35.5)
Min
.125 (3.2)
.250 (6.4)
.387 (9.8)
.350 (8.9)
.500 (12.7)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.437 (36.5)
Max
.312 (7.9)
.437 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.937 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
V
Max
.957 (24.3)
1.145 (29.1)
1.332 (33.8)
1.332 (33.8)
1.551 (39.4)
1.770 (45.0)
2.113 (53.7)
2.363 (60.0)
2.770 (70.4)
3.020 (76.7)
Cable Range
Z
Max
.630 (16.0)
.755 (19.2)
.942 (23.9)
1.067 (27.1)
1.192 (30.3)
1.380 (35.1)
1.535 (39.0)
1.848 (46.9)
2.255 (57.3)
2.505 (63.6)
2.755 (70.0)
3.255 (82.7)
Max
.250 (6.4)
.312 (7.9)
.438 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
1.875 (47.6)
2.375 (60.3)
Dash
No.
03*
04*
06*
08
10
12
16
20
24
28
32*
40*
X
Max
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
1.073 (27.3)
1.323 (33.6)
1.323 (33.6)
1.572 (39.9)
1.572 (39.9)
1.572 (39.9)
Min **
.156 (4.0)
.188 (4.8)
.281 (7.1)
.387 (9.8)
.375 (9.5)
.438 (11.1)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
1.437 (36.5)
1.875 (47.6)
Y
Max
.843 (21.4)
.906 (23.0)
1.093 (27.8)
1.187 (30.1)
1.281 (32.5)
1.500 (38.1)
1.719 (43.7)
2.062 (52.4)
2.312 (58.7)
2.719 (69.1)
2.969 (75.4)
3.531 (89.7)
Cable Range
* Not available in Style M clamp.
** Not Applicable Style D
W
Max
.437 (11.1)
.437 (11.1)
.500 (12.7)
.563 (14.3)
.563 (14.3)
.563 (14.3)
.656 (16.7)
.656 (16.7)
.656 (16.7)
1.188 (30.2)
1.187 (30.1)
1.125 (28.6)
TABLE XI: CABLE ENTRY
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
See Inside Back Cover
for Additional Finish Options
370-007
Submersible Cable Sealing Backshell
with Strain Relief
Standard Profile - Rotatable Coupling
1. When maximum cable entry (page
21) is exceeded, Style 2 will be sup-
plied. Dimensions E, F, G & H will
not apply. Please consult factory.
2. Metric dimensions (mm) are indi-
cated in parentheses.
3. Cable range is defined as the ac-
commodations range for the wire
bundle or cable. Dimensions shown
are not intended for inspection crite-
ria.
4. Consult factory for shorter lengths on
TABLE III: ELBOW DIMENSIONS
G
Max
1.380 (35.1)
1.440 (36.6)
1.500 (38.1)
1.570 (39.9)
1.630 (41.4)
1.730 (43.9)
1.800 (45.7)
2.040 (51.8)
2.130 (54.1)
H
Max
1.190 (30.2)
1.250 (31.8)
1.320 (33.5)
1.380 (35.1)
1.460 (37.1)
1.540 (39.1)
1.610 (40.9)
1.850 (47.0)
1.940 (49.3)
F
Max
1.050 (26.7)
1.070 (27.2)
1.100 (27.9)
1.120 (28.4)
1.150 (29.2)
1.190 (30.2)
1.220 (31.0)
1.390 (35.3)
1.430 (36.3)
E
Max
1.240 (31.5)
1.260 (32.0)
1.290 (32.8)
1.310 (33.3)
1.340 (34.0)
1.380 (35.1)
1.410 (35.8)
1.580 (40.1)
1.620 (41.1)
Shell
Size
11
13
15
17
19
23
25
29
33
Add “-445” to Specify Glenair’s Non-Detent,
("NESTOR") Spring-Loaded, Self-Locking Coupling.
See Page 41 for Details.


Similar Part No. - 370GS007M19

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370GS008B11 GLENAIR-370GS008B11 Datasheet
227Kb / 2P
   Water-Tight Cable Sealing Backshell
370GS008B13 GLENAIR-370GS008B13 Datasheet
227Kb / 2P
   Water-Tight Cable Sealing Backshell
370GS008B15 GLENAIR-370GS008B15 Datasheet
227Kb / 2P
   Water-Tight Cable Sealing Backshell
370GS008B17 GLENAIR-370GS008B17 Datasheet
227Kb / 2P
   Water-Tight Cable Sealing Backshell
370GS008B19 GLENAIR-370GS008B19 Datasheet
227Kb / 2P
   Water-Tight Cable Sealing Backshell
More results

Similar Description - 370GS007M19

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AP023NF08 GLENAIR-370AP023NF08 Datasheet
221Kb / 2P
   Submersible Split Shell Cable Sealing Backshell
443FM009NF08 GLENAIR-443FM009NF08 Datasheet
102Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
390AH058M08 GLENAIR-390AH058M08 Datasheet
57Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
443AH009NF08 GLENAIR-443AH009NF08 Datasheet
127Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell
370AP024NF08 GLENAIR-370AP024NF08 Datasheet
219Kb / 2P
   Submersible Split Shell Cable Sealing Backshell
390AA006M08 GLENAIR-390AA006M08 Datasheet
104Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA007M08 GLENAIR-390AA007M08 Datasheet
114Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM058M08 GLENAIR-390AM058M08 Datasheet
72Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AM056M08 GLENAIR-390AM056M08 Datasheet
86Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
390AA057M08 GLENAIR-390AA057M08 Datasheet
65Kb / 2P
   Submersible EMI/RFI Cable Sealing Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com