Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

360AJ017B12 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 360AJ017B12
Description  Non-Environmental Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

360AJ017B12 Datasheet(HTML) 2 Page - Glenair, Inc.

  360AJ017B12 Datasheet HTML 1Page - Glenair, Inc. 360AJ017B12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 36 - Page 9
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
360-017
Non-Environmental Backshell
with QwikClamp® Strain Relief
Standard Profile - Self-Locking - Rotatable Coupling
1. Consult factory for shorter lengths on straight backshells.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range for
the wire bundle or cable.
Dimensions shown are not intended for inspection
criteria.
TABLE IV: CABLE ENTRY
K
Max
.530 (13.5)
.710 (18.0)
.720 (18.3)
.720 (18.3)
.660 (16.8)
.790 (20.1)
.870 (22.1)
.830 (21.1)
.820 (20.8)
.910 (23.1)
.900 (22.9)
Min
.128
(3.3)
.233
(5.9)
.358
(9.1)
.482 (12.2)
.545 (13.8)
.670 (17.0)
.795 (20.2)
.889 (22.6)
1.014 (25.8)
1.155 (29.3)
1.280 (32.5)
Max
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
L
Max
.720 (18.3)
.910 (23.1)
1.090 (27.7)
1.220 (31.0)
1.340 (34.0)
1.530 (38.9)
1.720 (43.7)
1.850 (47.0)
1.970 (50.0)
2.090 (53.1)
2.280 (57.9)
Cable Range
Dash
No.
08
12
16
20
24
28
32
36
40
44
48
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
A-F-L-S
08
10
12
14
16
18
20
22
24
28
32
36
40
44
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
G
Max
1.390 (35.3)
1.420 (36.1)
1.440 (36.6)
1.470 (37.3)
1.490 (37.8)
1.500 (38.1)
1.520 (38.6)
1.560 (39.6)
1.590 (40.4)
1.760 (44.7)
1.800 (45.7)
1.850 (47.0)
1.890 (48.0)
1.940 (49.3)
TABLE III: ELBOW DIMENSIONS
J
Max
1.500 (38.1)
1.560 (39.6)
1.620 (41.1)
1.690 (42.9)
1.750 (44.5)
1.770 (45.0)
1.830 (46.5)
1.910 (48.5)
1.980 (50.3)
2.220 (56.4)
2.310 (58.7)
2.420 (61.5)
2.530 (64.3)
2.650 (67.3)
F
Max
.795 (20.2)
.820 (20.8)
.844 (21.4)
.861 (21.9)
.888 (22.6)
.904 (23.0)
.929 (23.6)
.956 (24.3)
.979 (24.9)
1.197 (30.4)
1.280 (32.5)
1.294 (32.9)
1.340 (34.0)
1.360 (34.5)
H
Max
.906 (23.0)
.966 (24.5)
1.026 (26.1)
1.076 (27.3)
1.136 (28.9)
1.176 (29.9)
1.236 (31.4)
1.296 (32.9)
1.356 (34.4)
1.636 (41.6)
1.780 (45.2)
1.876 (47.7)
1.986 (50.4)
2.235 (56.8)
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
See Inside Back Cover
for Additional Finish Options


Similar Part No. - 360AJ017B12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360AA001M16 GLENAIR-360AA001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
360AA002M16 GLENAIR-360AA002M16 Datasheet
143Kb / 2P
   Non-Environmental Backshell
360AB001M16 GLENAIR-360AB001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
360AB002M16 GLENAIR-360AB002M16 Datasheet
143Kb / 2P
   Non-Environmental Backshell
logo
GAPTEC Electronic GmbH ...
360ACDR GAPTEC-360ACDR Datasheet
2Mb / 6P
   360W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
More results

Similar Description - 360AJ017B12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360AA002M16 GLENAIR-360AA002M16 Datasheet
143Kb / 2P
   Non-Environmental Backshell
360AA001M16 GLENAIR-360AA001M16 Datasheet
123Kb / 2P
   Non-Environmental Backshell
360GH003B17 GLENAIR-360GH003B17 Datasheet
126Kb / 2P
   Non-Environmental Backshell
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
   Composite Non-Environmental Backshell
360AS014XB08 GLENAIR-360AS014XB08 Datasheet
306Kb / 2P
   Composite Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA005B08 GLENAIR-380AA005B08 Datasheet
99Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA006B08 GLENAIR-380AA006B08 Datasheet
97Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com