Electronic Components Datasheet Search |
|
380AA001NF10 Datasheet(PDF) 2 Page - Glenair, Inc. |
|
380AA001NF10 Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 15 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accom- modations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Consult factory for shorter lengths on straight backshells. TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 28 32 36 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 E Max .457 (11.6) .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .926 (23.5) .926 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4) G Max .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1) F Max 1.602 (40.7) 1.662 (42.2) 1.722 (43.7) 2.062 (52.4) 2.172 (55.2) 2.362 (60.0) 2.362 (60.0) 2.512 (63.8) 2.512 (63.8) 2.562 (65.1) 2.662 (67.6) 2.752 (69.9) See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. H Max 1.612 (40.9) 1.732 (44.0) 1.752 (44.5) 2.072 (52.6) 2.162 (54.9) 2.332 (59.2) 2.332 (59.2) 2.442 (62.0) 2.442 (62.0) 2.612 (66.3) 2.862 (72.7) 2.862 (72.7) TABLE X: CABLE ENTRY Dash No. 04 06 08 10 12 16 20 24 28 32 T Max .780 (19.8) .780 (19.8) .780 (19.8) .780 (19.8) .811 (20.6) .905 (23.0) 1.092 (27.7) 1.124 (28.5) 1.399 (35.5) 1.399 (35.5) Min .125 (3.2) .250 (6.4) .312 (7.9) .350 (8.9) .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.437 (36.5) Max .312 (7.9) .437 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .937 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) V Max .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.332 (33.8) 1.551 (39.4) 1.770 (45.0) 2.113 (53.7) 2.363 (60.0) 2.770 (70.4) 3.020 (76.7) Cable Range Z Max .630 (16.0) .755 (19.2) .942 (23.9) 1.067 (27.1) 1.192 (30.3) 1.380 (35.1) 1.535 (39.0) 1.848 (46.9) 2.255 (57.3) 2.505 (63.6) 2.755 (70.0) 3.255 (82.7) Max .250 (6.4) .312 (7.9) .438 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .938 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) 2.375 (60.3) Dash No. 03* 04* 06* 08 10 12 16 20 24 28 32* 40* X Max .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9) 1.572 (39.9) 1.572 (39.9) Min ** .156 (4.0) .188 (4.8) .281 (7.1) .344 (8.7) .375 (9.5) .438 (11.1) .562 (14.3) .750 (19.1) .781 (19.8) .969 (24.6) 1.125 (28.6) 1.469 (37.3) Y Max .843 (21.4) .906 (23.0) 1.093 (27.8) 1.187 (30.1) 1.281 (32.5) 1.500 (38.1) 1.719 (43.7) 2.062 (52.4) 2.312 (58.7) 2.719 (69.1) 2.969 (75.4) 3.531 (89.7) Cable Range * Not available in Style M clamp. ** Not Applicable Style D W Max .437 (11.1) .437 (11.1) .500 (12.7) .563 (14.3) .563 (14.3) .563 (14.3) .656 (16.7) .656 (16.7) .656 (16.7) 1.188 (30.2) 1.187 (30.1) 1.125 (28.6) TABLE XI: CABLE ENTRY 380-001 EMI/RFI Non-Environmental Backshell with Strain Relief Type A - Rotatable Coupling - Low Profile TABLE II: STANDARD FINISHES See Inside Back Cover for Additional Finish Options GLENAIR SYMBOL B M NF FINISH Cadmium Plate, Olive Drab Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel |
Similar Part No. - 380AA001NF10 |
|
Similar Description - 380AA001NF10 |