Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380LD014B10 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 380LD014B10
Description  EMI/RFI Non-Environmental Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380LD014B10 Datasheet(HTML) 1 Page - Glenair, Inc.

  380LD014B10 Datasheet HTML 1Page - Glenair, Inc. 380LD014B10 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 78
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 3
DIRECT COUPLING
TYPE D INDIVIDUAL
OR OVERALL SHIELD
TERMINATION
Cable
Range
STYLE H
Heavy Duty
(Table X)
STYLE A
Medium Duty
(Table XI)
STYLE D
Medium Duty
(Table XI)
STYLE M
Medium Duty
(Table XI)
W
V
Y
Y
Cable
Range
X
Cable
Range
.135 (3.4)
Max
Z
T
Cable
Entry
380 F D 014 M 16 08 A
Product Series
Connector
Designator
Angle and Profile
D = Split 90°
F = Split 45°
Strain Relief Style
(H, A, M, D)
Cable Entry (Table X, XI)
Shell Size (Table I)
Finish (Table II)
Basic Part No.
E
(Table IV)
F (Table IV)
J
(Table III)
J
(Table III)
G
(Table IV)
H
(Table
IV)
B Typ.
(Table I)
A Thread
(Table I)
Split 45°
Split 90°
380-014
EMI/RFI Non-Environmental Backshell
with Strain Relief
Type D - Direct Coupling - Split Shell


Similar Part No. - 380LD014B10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380LD010B08 GLENAIR-380LD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380LD010B10 GLENAIR-380LD010B10 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380LD010B12 GLENAIR-380LD010B12 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380LD010B14 GLENAIR-380LD010B14 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380LD010B16 GLENAIR-380LD010B16 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
More results

Similar Description - 380LD014B10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AH104B08 GLENAIR-380AH104B08 Datasheet
92Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B08 GLENAIR-380AC105B08 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AM109B08 GLENAIR-380AM109B08 Datasheet
91Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA014B08 GLENAIR-380AA014B08 Datasheet
156Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC018B08 GLENAIR-380AC018B08 Datasheet
389Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC009B08 GLENAIR-380AC009B08 Datasheet
297Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC111B08 GLENAIR-380AC111B08 Datasheet
354Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com