Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

319A064XMT16T Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 319A064XMT16T
Description  Composite Swing-Arm Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

319A064XMT16T Datasheet(HTML) 2 Page - Glenair, Inc.

  319A064XMT16T Datasheet HTML 1Page - Glenair, Inc. 319A064XMT16T Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-13
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
319-064
Composite Swing-Arm Backshell
with Shield Sock and
Self-Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell
Size
E
± .031
F
Min.
G
Max.
H
Max.
J
± .06
K Min.
(H Code)
K Min.
(A Code)
K Min.
(F Code)
A, F
H
08
09
.265 (6.7)
.22 (5.6)
1.06 (26.9)
.98 (24.9)
.94 (23.9)
.264 (6.7)
.265 (6.7)
.275 (7.0)
10
11
.310 (7.9)
.27 (6.9)
1.09 (27.7)
1.05 (26.7)
.97 (24.6)
.390 (9.9)
.370 (9.4)
.412 (10.5)
12
13
.390 (9.9)
.35 (8.9)
1.18 (30.0)
1.20 (30.5)
1.03 (26.2)
.504 (12.8)
.506 (12.9)
.526 (13.4)
14
15
.506 (12.9)
.47 (11.9)
1.24 (31.5)
1.30 (33.0)
1.09 (27.7)
.630 (16.0)
.580 (14.7)
.657 (16.7)
16
17
.591 (15.0)
.55 (14.0)
1.32 (33.5)
1.44 (36.6)
1.12 (28.4)
.756 (19.2)
.705 (17.9)
.776 (19.7)
18
19
.661 (16.8)
.62 (15.7)
1.39 (35.3)
1.56 (39.6)
1.15 (29.2)
.843 (21.4)
.784 (19.9)
.872 (22.1)
20
21
.744 (18.9)
.70 (17.8)
1.49 (37.8)
1.69 (42.9)
1.18 (30.0)
.969 (24.6)
.909 (23.1)
1.007 (25.6)
22
23
.826 (21.0)
.78 (19.8)
1.55 (39.4)
1.77 (45.0)
1.25 (31.8)
1.091 (27.7) 1.034 (26.3) 1.132 (28.8)
24
25
.896 (22.8)
.85 (21.6)
1.61 (40.9)
1.89 (48.0)
1.28 (32.5)
1.217 (30.9) 1.149 (29.2) 1.257 (31.9)
TABLE IV: BRAID TYPE
Symbol
Braid Type
A
100% AmberStrand®
B
75%/25% AmberStrand® Blend
Standard
Nickel/Copper 34awg
T
Tin/Copper 34awg
TABLE III: FINISH
Symbol
Finish
XB
Composite Material–No Plating, Color
Black, Brass Interface Shroud and
Adapter–Nickel Plated
XMT
2000 Hour Corrosion Resistant Ni-
PTFE, Nickel-Fluorocarbon Polymer.
1000 Hour GreyTM
XN
Composite Material–No Plating, Color
Black and Brown, Brass Interface
Shroud and Adapter–Selectively
Cadmium Plated
(See Detail B)
XO
Composite Material–No Plating, Color
Black and Brown, Brass Interface
Shroud and Adapter–Nickel Plated
NOTES
See Table I in Intro for front-end dimensional details.
1.
See composite thermoplastic shield sock assembly procedure for detailed installation instructions.
2.
Code F is for series I connectors only.
3.
Use mod code -475 for series III connector (connector less shroud)
Coupling nut supplied unplated.
4.


Similar Part No. - 319A064XMT16T

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
319A064XMT16R GLENAIR-319A064XMT16R Datasheet
476Kb / 2P
   Self-Locking Rotatable Coupling
More results

Similar Description - 319A064XMT16T

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
627A122XO16 GLENAIR-627A122XO16 Datasheet
328Kb / 2P
   Composite Swing-Arm Strain Relief
627A142XO GLENAIR-627A142XO Datasheet
239Kb / 2P
   Composite Swing-Arm Strain Relief
319A138XB08 GLENAIR-319A138XB08 Datasheet
311Kb / 2P
   Composite Swing-Arm Strain Relief with Shield Sock
377-014 GLENAIR-377-014 Datasheet
1Mb / 2P
   Composite Backshell
377HS014XM11 GLENAIR-377HS014XM11 Datasheet
429Kb / 2P
   Composite Thermoplastic Backshell
712HS416XO GLENAIR-712HS416XO Datasheet
202Kb / 1P
   Composite Straight Backshell Adapter
360AS015XB08 GLENAIR-360AS015XB08 Datasheet
304Kb / 2P
   Composite Non-Environmental Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
189-039 GLENAIR-189-039 Datasheet
274Kb / 2P
   Composite Connector Backshell Adapter
347A129XM08 GLENAIR-347A129XM08 Datasheet
297Kb / 2P
   Composite Shorting Cap Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com