Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380AA005B12 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 380AA005B12
Description  EMI/RFI Non-Environmental Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380AA005B12 Datasheet(HTML) 1 Page - Glenair, Inc.

  380AA005B12 Datasheet HTML 1Page - Glenair, Inc. 380AA005B12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 26
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
CONNECTOR
DESIGNATORS
A-F-H-L-S
ROTATABLE
COUPLING
TYPE C OVERALL
SHIELD TERMINATION
380 F S 005 M 16 10 M 6
Product Series
Connector
Designator
Angle and Profile
A = 90°
B = 45°
S = Straight
Basic Part No.
Length: S only
(1/2 inch increments:
e.g. 6 = 3 inches)
Strain Relief Style
(M, D)
Cable Entry (Table X)
Shell Size (Table I)
Finish (Table II)
STYLE M
Medium Duty - Dash No. 01-04
(Table X)
STYLE D
Medium Duty
(Table X)
Y
X
Cable
Range
.135 (3.4)
Max
Z
.850 (21.6)
Max
Cable
Range
Cable
Range
Y
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Minimum Order Length 2.0 Inch
(See Note 4)
STYLE 2
(45° & 90°
See Note 1)
.88 (22.4) Max
G
(Table III)
E
(Table III)
F (Table III)
C
(Table I)
Length ± .060 (1.52)
Minimum Order
Length 1.5 Inch
(See Note 4)
H (Table III)
STYLE M
Medium Duty - Dash No. 10-28
(Table X)
A Thread
(Table I)
380-005
EMI/RFI Non-Environmental Backshell
Heavy-Duty with Strain Relief
Type C - Rotatable Coupling - Low Profile


Similar Part No. - 380AA005B12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AA001B08 GLENAIR-380AA001B08 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA001B10 GLENAIR-380AA001B10 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA001B12 GLENAIR-380AA001B12 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA001B14 GLENAIR-380AA001B14 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA001B16 GLENAIR-380AA001B16 Datasheet
101Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results

Similar Description - 380AA005B12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AD010B08 GLENAIR-380AD010B08 Datasheet
80Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH019B08 GLENAIR-380AH019B08 Datasheet
82Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AM009B08 GLENAIR-380AM009B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AA006B08 GLENAIR-380AA006B08 Datasheet
97Kb / 2P
   EMI/RFI Non-Environmental Backshell
M85049-36-8N01 GLENAIR-M85049-36-8N01 Datasheet
76Kb / 1P
   EMI/RFI Non-Environmental Backshell
380-107 GLENAIR-380-107 Datasheet
235Kb / 2P
   EMI/RFI Non-Environmental Backshell
380-115 GLENAIR-380-115 Datasheet
204Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AC019B08 GLENAIR-380AC019B08 Datasheet
142Kb / 2P
   EMI/RFI Non-Environmental Backshell
380AH007B08 GLENAIR-380AH007B08 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com