Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

370FB004NF10 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 370FB004NF10
Description  Water-Tight Cable Sealing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370FB004NF10 Datasheet(HTML) 1 Page - Glenair, Inc.

  370FB004NF10 Datasheet HTML 1Page - Glenair, Inc. 370FB004NF10 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 18
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
J
(Table III)
370 F S 004 M 16 10 C 6
Product Series
Connector Designator
Angle and Profile
A = 90°
B = 45°
S = Straight
Basic Part No.
Length: S only (1/2 inch incre-
ments: e.g. 6 = 3 inches)
Strain Relief Style (B, C, E)
Cable Entry (Tables V, VI)
Shell Size (Table I)
Finish (Table II)
F (Table IV)
B
(Table I)
A Thread
(Table I)
G
(Table IV)
E
(Table IV)
H
(Table IV)
J
(Table III)
Length ± .060 (1.52)
Min. Order Length 1.5 Inch
(See Note 5)
O-Ring
STYLE 2
(STRAIGHT
See Note 1)
Length ± .060 (1.52)
Min. Order Length 2.0 Inch
(See Note 5)
STYLE C
Medium Duty
(Table V)
STYLE E
Medium Duty
(Table VI)
K
Cable
Range
L
N (See
Note 3)
Clamping
Bars
P
Cable
R
CONNECTOR
DESIGNATORS
A-B*-C-D-E-F
G-H-J-K-L-S
* Conn. Desig. B See Note 6
DIRECT
COUPLING
B
(Table I)
B
(Table I)
STYLE B
(Table V)
M
Cable
Range L
370-004
Water-Tight Cable Sealing Backshell
with Strain Relief
Low Profile - Direct Coupling


Similar Part No. - 370FB004NF10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370FB003B08 GLENAIR-370FB003B08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370FB003B10 GLENAIR-370FB003B10 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370FB003B12 GLENAIR-370FB003B12 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370FB003B14 GLENAIR-370FB003B14 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370FB003C08 GLENAIR-370FB003C08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
More results

Similar Description - 370FB004NF10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370GA008NF11 GLENAIR-370GA008NF11 Datasheet
227Kb / 2P
   Water-Tight Cable Sealing Backshell
370AA003B08 GLENAIR-370AA003B08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
390AA004M08 GLENAIR-390AA004M08 Datasheet
103Kb / 2P
   Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
390AA003M08 GLENAIR-390AA003M08 Datasheet
105Kb / 2P
   Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
390GH014M08 GLENAIR-390GH014M08 Datasheet
113Kb / 2P
   Water-Tight EMI/RFI Cable Sealing Backshell with Strain Relief
370GH007NF11 GLENAIR-370GH007NF11 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
370AS016XB08 GLENAIR-370AS016XB08 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
370AA005B08 GLENAIR-370AA005B08 Datasheet
200Kb / 2P
   Splash-Proof Cable Sealing Backshell
370AS017XB08 GLENAIR-370AS017XB08 Datasheet
309Kb / 2P
   Composite Cable-Sealing Environmental Backshell
443AM010NF08 GLENAIR-443AM010NF08 Datasheet
84Kb / 2P
   EMI/RFI Cable Sealing Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com