Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

231-103-H7FT11-35PD03 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 231-103-H7FT11-35PD03
Description  Jam Nut Mount Hermetic Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

231-103-H7FT11-35PD03 Datasheet(HTML) 1 Page - Glenair, Inc.

  231-103-H7FT11-35PD03 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
E-2
E
231-103-H7
Jam Nut Mount Hermetic Bulkhead Feed-Thru
MIL-DTL-38999 Series I Type
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
CLASS 2A
B DIA
MAX
C
HEX
D
FLATS
E DIA
±.005(0.1)
F +.000-.005
(0-0.1)
09
.688-24 UNEF
.573(14.6)
.875(22.2) 1.062(27.0)
.703(17.9)
.669(17.0)
11
0.812-20 UNEF
.701(17.8) 1.000(25.4) 1.250(31.8)
.827(21.0)
.769(19.5)
13
1.000-20 UNEF
.851(21.6) 1.188(30.2) 1.375(34.9)
1.015(25.8)
.955(24.3)
15
1.125-18 UNEF
.976(24.8) 1.312(33.3) 1.500(38.1)
1.140(29.0)
1.084(27.5)
17
1.250-18 UNEF 1.101(28.0) 1.438(36.5) 1.625(41.3)
1.265(32.1)
1.208(30.7)
19
1.375-18 UNEF 1.208(30.7) 1.562(39.7) 1.812(46.0)
1.390(35.3)
1.333(33.9)
21
1.500-18 UNEF 1.333(33.9) 1.688(42.9) 1.938(49.2)
1.515(38.5)
1.459(37.1)
23
1.625-18 UNEF 1.458(37.0) 1.812(46.0) 2.062(52.4)
1.640(41.7)
1.580(40.1)
25
1.750-18 UNS
1.583(40.2) 2.000(50.8) 2.188(55.6)
1.765(44.8)
1.709(43.4)
Insert Arrangement per
MIL-DTL-38999, Series l
MIL-STD-1560
C
D
2.040 (51.8)
1.310 (33.3)
.585
(14.9)
Ref
.150 (3.8) Max
Panel
Accomodation
.125 (3.2)
Hole For .032 Dia
Safety Wire, 3
Equally Spaced
A Thread
B
E Dia
Recommended Panel Cut-Out
F
Insert Arrangement
Per MIL-DTL-38999 Series I
MIL-STD-1560
Connector Series
231 - D38999 Series I Type
Alternate Key
Position
A, B, C, D
(N = Normal)
Contact Termination
P - Pin on Jam Nut Side
S - Socket on Jam Nut Side
Shell Size
09
11
13
15
17
19
21
23
25
231 - 103 - H7 Z1 11 - 35 P N - 01
Shell Style
H7 - Jam Nut Mount
Connector Material and Finish
FT - Carbon Steel, Fused Tin
Z1 - CRES, Passivated
ZL - CRES, Nickel Finish
Connector Type
103 - Hermetic Bulkhead
Feed-Thru
Panel Accomodation
01 - .0625″ (Min) .125″ (Max)
02 - .0625″ (Min) .250″ (Max)
03 - .0625″ (Min) .500″ (Max)
APPLICATION NOTES
Power to a given contact on one end will result in power to contact directly
1.
opposite, regardless of identification letter.
Hermeticity = less than 1 x 10
2.
-4
cc/sec at one atmosphere. Not for use in liquid
atmosphere.
Material/finish:
3.
Shell, nut – CRES/passivated, carbon steel/fused tin or CRES/nickel per QQ-N-290.
Contacts – Gold Plated. Pin: alloy 52; Skt.: copper alloy
Insulator – fused vitreous glass/N.A.
Seals – fluorosilicone rubber/N.A.
Metric dimensions (mm) are indicated in parentheses.
4.


Similar Part No. - 231-103-H7FT11-35PD03

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
231-103-H7FT11-35PD-01 GLENAIR-231-103-H7FT11-35PD-01 Datasheet
425Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results

Similar Description - 231-103-H7FT11-35PD03

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
232-103-H7 GLENAIR-232-103-H7 Datasheet
185Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
290Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H9 GLENAIR-232-103-H9 Datasheet
315Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H7FT09-35PA01 GLENAIR-231-103-H7FT09-35PA01_09 Datasheet
425Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-120 GLENAIR-947-120 Datasheet
408Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
257-093 GLENAIR-257-093 Datasheet
356Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H7Z108 GLENAIR-232-103-H7Z108_09 Datasheet
433Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H9 GLENAIR-231-103-H9 Datasheet
310Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-115 GLENAIR-947-115 Datasheet
290Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com