Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B20A45VC Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # B20A45VC
Description  SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

B20A45VC Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  B20A45VC Datasheet HTML 1Page - KEC(Korea Electronics) B20A45VC Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2008. 12. 18
2/2
B20A45VC
Revision No : 0
AVERAGE FORWARD CURRENT IF(AV) (A)
PF(AV) - IF(AV)
REVERSE VOLTAGE VR (V)
IR - VR
IF - VF
FORWARD VOLTAGE VF (V)
IF - TC
IF - TA
CASE TEMPERATURE Tc ( C)
AMBIENT TEMPERATURE TA ( C)
0
0
0
0
0
0.001
0
0
1
0.2
0.4
0.6
0.8
0.1
0.3
0.5
0.7
10
100
10
20
30
0.01
0.1
1.0
10
100
70
90
110
130
150
5
10
DC
40
80
120
160
5
10
15
20
RATED VOLTAGE APPLIED
ΘJA
ΘJA
R
=16 C/W
R
=60 C/W
(NO HEAT SINK)
DC
DC
4.0
8.0
12
16
4.0
16
DC
8.0
12
15
20
25
20
24
28
20
40
50
Tj=150 C
Tj=25 C
RATED VOLTAGE
R
=3.5 C/W
ΘJC
APPLIED
Tj =150 C
Tj =125 C
Tj =25 C
C - VR
REVERSE VOLTAGE VR (V)
0
100
10
20
30
40
515
25
35
1000


Similar Part No. - B20A45VC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B20A45VIC KEC-B20A45VIC Datasheet
75Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE STACK (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER)
B20A45VIC KEC-B20A45VIC Datasheet
457Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
B20A45VIC KEC-B20A45VIC_07 Datasheet
457Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - B20A45VC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
B30A45VC KEC-B30A45VC Datasheet
37Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (LOW VF TYPE)
logo
Shenzhen Taychipst Elec...
SX33L TAYCHIPST-SX33L Datasheet
10Mb / 2P
   LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
SSCD104LSH ZOWIE-SSCD104LSH Datasheet
219Kb / 2P
   Low VF Schottky Barrier Diode
SSCD102LSH ZOWIE-SSCD102LSH Datasheet
219Kb / 2P
   Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L Datasheet
82Kb / 3P
   LOW VF SCHOTTKY BARRIER DIODE
logo
Zowie Technology Corpor...
MSCD102LH ZOWIE-MSCD102LH Datasheet
232Kb / 2P
   Low VF Schottky Barrier Diode
MSCD104LH ZOWIE-MSCD104LH Datasheet
232Kb / 2P
   Low VF Schottky Barrier Diode
logo
Pan Jit International I...
SX33L PANJIT-SX33L_16 Datasheet
269Kb / 5P
   LOW VF SCHOTTKY BARRIER DIODE
logo
KEC(Korea Electronics)
MBRF20U150CTA KEC-MBRF20U150CTA Datasheet
40Kb / 1P
   SCHOTTKY BARRIER TYPE DIODE
MBRF1045 KEC-MBRF1045 Datasheet
440Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com