Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71545 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK71545
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71545 Datasheet(HTML) 1 Page - TOKO, Inc

  TK71545 Datasheet HTML 1Page - TOKO, Inc TK71545 Datasheet HTML 2Page - TOKO, Inc TK71545 Datasheet HTML 3Page - TOKO, Inc TK71545 Datasheet HTML 4Page - TOKO, Inc TK71545 Datasheet HTML 5Page - TOKO, Inc TK71545 Datasheet HTML 6Page - TOKO, Inc TK71545 Datasheet HTML 7Page - TOKO, Inc TK71545 Datasheet HTML 8Page - TOKO, Inc TK71545 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
January 1999 TOKO, Inc.
Page 1
TK715xx
GND
VIN
VOUT
THERMAL
PROTECTION
+
-
+
-
BANDGAP
REFERENCE
FEATURES
s High Voltage Precision at
± 2.0% or ± 60 mV
s Very Low Quiescent Current
s Very Low Dropout Voltage
s Reverse Bias Protection
s Miniature Package (SOT-23-3)
s Short Circuit Protection
s High Ripple Rejection
APPLICATIONS
s Battery Powered Systems
s Cellular Telephones
s Pagers
s Personal Communications Equipment
s Portable Instrumentation
s Portable Consumer Equipment
s Radio Control Systems
s Toys
s Low Voltage Systems
BLOCK DIAGRAM
TK715xxS
GND
VOUT
VIN
DESCRIPTION
The TK715xx is a low dropout linear regulator housed in a
small SOT-23-3 package, rated at 350 mW. An internal
PNP transistor is used to achieve a low dropout voltage of
105 mV (typ.) at 50 mA load current. This device offers high
precision output voltage of
± 2.0 % or ± 60 mV. The
TK715xx has a very low quiescent current of 25
µA (typ.)
at no load. The low quiescent current and dropout voltage
make this part ideal for battery powered applications. The
internal reverse bias protection eliminates the requirement
for a reverse voltage protection diode, saving cost and
board space. The high 64 dB ripple rejection and low noise
provide enhanced performance for critical applications.
TK715
SCL
ORDERING INFORMATION
VOLTAGE CODE
19 = 1.9 V
37 = 3.7 V
20 = 2.0 V
38 = 3.8 V
21 = 2.1 V
39 = 3.9 V
22 = 2.2 V
40 = 4.0 V
23 = 2.3 V
41 = 4.1 V
24 = 2.4 V
42 = 4.2 V
25 = 2.5 V
43 = 4.3 V
26 = 2.6 V
44 = 4.4 V
27 = 2.7 V
45 = 4.5 V
28 = 2.8 V
46 = 4.6 V
29 = 2.9 V
47 = 4.7 V
30 = 3.0 V
48 = 4.8 V
31 = 3.1 V
49 = 4.9 V
32 = 3.2 V
50 = 5.0 V
33 = 3.3 V
60 = 6.0 V
34 = 3.4 V
70 = 7.0 V
35 = 3.5 V
80 = 8.0 V
36 = 3.6 V
90 = 9.0 V
Voltage Code
Tape/ Reel Code
Temp. Code
Package Code
TAPE/REEL CODE
L: Tape Left
TEMPERATURE CODE
C -30 to +80 C
PACKAGE CODE
S : SOT-23-3
20P
LOW DROPOUT VOLTAGE REGULATOR


Similar Part No. - TK71545

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71545AS TOKO-TK71545AS Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71545ASCL TOKO-TK71545ASCL Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
TK71545ASCL/45 TOKO-TK71545ASCL/45 Datasheet
114Kb / 15P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71545

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com