Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

370FB005C12 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 370FB005C12
Description  Splash-Proof Cable Sealing Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

370FB005C12 Datasheet(HTML) 2 Page - Glenair, Inc.

  370FB005C12 Datasheet HTML 1Page - Glenair, Inc. 370FB005C12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 37 - Page 21
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page 21) is exceeded, Style 2 will
be supplied.
Dimensions E, F, G and H will not apply. Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range for the
wire bundle or cable.
Dimensions shown are not intended for inspection criteria.
4. Interface O-Ring not supplied with connector designator A.
5. Consult factory for shorter lengths on straight backshells.
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
28
32
36
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.457 (11.6)
.520 (13.2)
.582 (14.8)
.645 (16.4)
.738 (18.7)
.926 (23.5)
.926 (23.5)
1.020 (25.9)
1.020 (25.9)
1.145 (29.1)
1.207 (30.7)
1.238 (31.4)
G
Max
.500 (12.7)
.595 (15.1)
.610 (15.5)
.700 (17.8)
.885 (22.5)
.975 (24.8)
.975 (24.8)
1.125 (28.6)
1.125 (28.6)
1.225 (31.1)
1.575 (40.0)
1.775 (45.1)
H
Max
2.040 (51.8)
2.040 (51.8)
2.160 (54.9)
2.180 (55.4)
2.250 (57.2)
2.340 (59.4)
2.340 (59.4)
2.510 (63.8)
2.510 (63.8)
2.620 (66.5)
2.620 (66.5)
2.620 (66.5)
F
Max
2.030 (51.6)
2.030 (51.6)
2.090 (53.1)
2.150 (54.6)
2.240 (56.9)
2.340 (59.4)
2.340 (59.4)
2.540 (64.5)
2.540 (64.5)
2.680 (68.1)
2.680 (68.1)
2.680 (68.1)
TABLE V: CABLE ENTRY
Dash
No.
01
02
03
04
05
06
07
08
09
10
K
Max
.593 (15.1)
.718 (18.2)
.873 (22.2)
.968 (24.6)
1.109 (28.2)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
Cable Range
Max
.125 (3.2)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Min
.062 (1.6)
.125 (3.2)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
TABLE IV: CABLE ENTRY
Dash
No.
01
02
03
04
05
06
07
08
09
10
J
Max
.781 (19.8)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
Cable Range
Max
.125 (3.2)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Min
.062 (1.6)
.125 (3.2)
.250 (6.4)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.875 (22.2)
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
370-005
Splash-Proof Cable Sealing Backshell
with Strain Relief
Low Profile - Rotatable Coupling
TABLE II: STANDARD FINISHES
GLENAIR
SYMBOL
B
C
G
M
NF
FINISH
Cadmium Plate, Olive Drab
Anodize, Black
Hard Coat, Anodic
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
See Inside Back Cover
for Additional Finish Options


Similar Part No. - 370FB005C12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370FB003B08 GLENAIR-370FB003B08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370FB003B10 GLENAIR-370FB003B10 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370FB003B12 GLENAIR-370FB003B12 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370FB003B14 GLENAIR-370FB003B14 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
370FB003C08 GLENAIR-370FB003C08 Datasheet
148Kb / 2P
   Water-Tight Cable Sealing Backshell
More results

Similar Description - 370FB005C12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
370AA006B08 GLENAIR-370AA006B08 Datasheet
207Kb / 2P
   Splash-Proof Cable Sealing Backshell
390AJ059M08 GLENAIR-390AJ059M08 Datasheet
60Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AA011M08 GLENAIR-390AA011M08 Datasheet
87Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AK011M08 GLENAIR-390AK011M08 Datasheet
77Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
390AA012M08 GLENAIR-390AA012M08 Datasheet
58Kb / 2P
   Splash-Proof EMI/RFI Cable Sealing Backshell Light-Duty with Strain Relief
370GH007NF11 GLENAIR-370GH007NF11 Datasheet
247Kb / 2P
   Submersible Cable Sealing Backshell
370AA004B08 GLENAIR-370AA004B08 Datasheet
242Kb / 2P
   Water-Tight Cable Sealing Backshell
370AS016XB08 GLENAIR-370AS016XB08 Datasheet
334Kb / 2P
   Composite Cable-Sealing Environmental Backshell
370AS017XB08 GLENAIR-370AS017XB08 Datasheet
309Kb / 2P
   Composite Cable-Sealing Environmental Backshell
443AM010NF08 GLENAIR-443AM010NF08 Datasheet
84Kb / 2P
   EMI/RFI Cable Sealing Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com