Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9137 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9137
Description  SMD 28 Pin Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9137 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9137 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD 28 Pin Passive Delay Lines
Schematic
DC Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
3 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR
Pulse Repetition Rate @ Td
≤ 150 nS
1.0 MHz
Pulse Repetition Rate @ Td > 150 nS
300 KHz
Recommended Operating
Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
*These two values are inter-dependent.
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Zo
Ohms
± 10%
2.5±0.5
3.0±0.5
3.5±0.5
4.0±0.5
4.5±0.5
5.0±1.0
6.0±1.0
7.5±1.0
10.0±2.0
12.5±2.0
15.0±2.0
17.5±2.0
20.0±20
22.5±2.0
25.0±2.0
Tap
Delays
nS
2%
2%
2%
2%
2%
2%
2%
4%
4%
7%
8%
10%
10%
10%
12%
Atten.
DB%
Max.
5
6
7
8
9
10
12
15
20
25
30
35
40
45
50
Rise
Time
nS
Max.
Delay
nS ± 5%
or ±2 nS†
25
30
35
40
45
50
60
75
100
125
150
175
200
225
250
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
Zo
Ohms
± 10%
25
30
35
40
45
50
60
75
100
125
150
175
200
225
250
Delay
nS ± 5%
or ± 2 nS†
2.5±0.5
3.0±0.5
3.5±0.5
4.0±0.5
4.5±0.5
5.0±0.5
6.0±1.0
7.5±1.0
10.0±2.0
12.5±2.0
15.0±2.0
17.5±2.0
20.0±20
22.5±2.0
25.0±2.0
Tap
Delays
nS
2%
2%
2%
2%
2%
2%
2%
4%
4%
7%
8%
10%
12%
12%
12%
Atten.
DB%
Max.
5
6
7
8
9
10
12
15
20
25
30
35
40
45
50
Rise
Time
nS
Max.
EP9130
EP9131
EP9132
EP9133
EP9134
EP9135
EP9136
EP9137
EP9138
EP9139
EP9140
EP9141
EP9142
EP9143
EP9144
PCA
Part
Number
J-Lead
EP9160
EP9161
EP9162
EP9163
EP9164
EP9165
EP9166
EP9167
EP9168
EP9169
EP9170
EP9171
EP9172
EP9173
EP9174
PCA
Part
Number
Gull-Wing
EP9145
EP9146
EP9147
EP9148
EP9149
EP9150
EP9151
EP9152
EP9153
EP9154
EP9155
EP9156
EP9157
EP9158
EP9159
Number
PCA
Part
J-Lead
EP9175
EP9176
EP9177
EP9178
EP9179
EP9180
EP9181
EP9182
EP9183
EP9184
EP9185
EP9186
EP9187
EP9188
EP9189
Number
PCA
Part
Gull-Wing
DSD91XXb Rev. A
2/5/96
QAF-CSO1a Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
†Whichever is greater.
SMD J-Lead Package
SMD Gull-Wing Package
1
2
3
4
13 14 15 16
17
28
27
26
OUT
GROUND
IN
18
.175 Max.
.450 Max.
.475
.365
.055
.030
.025
.045
Suggested Solder
Pad Layout
.450
Max.
.050
Typ.
PCA
EP9130
Date Code
.018 X .008
Tin Plated Kovar
.050 Typ.
4
1 28
26
12
18
.175 Max.
.450 Max.
.475
.365
.055
.030
.050 Typ.
Suggested Solder
Pad Layout
.018 X .008
Tin Plated Kovar
PCA
EP9160
Date Code
.370
Max.
.050
Typ.
.050 Typ.
4
1 28
26
12
18


Similar Part No. - EP9137

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP910 ALTERA-EP910 Datasheet
1Mb / 41P
   Classic EPLD Family
EP910 ALTERA-EP910 Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
logo
PCA ELECTRONICS INC.
EP9100 PCA-EP9100 Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9100(-RC) PCA-EP9100(-RC) Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP9100-RC PCA-EP9100-RC Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
More results

Similar Description - EP9137

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3252-2.5 PCA-EPA3252-2.5 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3252-XXX PCA-EPA3252-XXX_15 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3756G-5 PCA-EPA3756G-5 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EPA3756-XX PCA-EPA3756-XX_15 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EPA059-20A PCA-EPA059-20A Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP6400-1 PCA-EP6400-1 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EPA059-060-061 PCA-EPA059-060-061_15 Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
EP19830 PCA-EP19830 Datasheet
21Kb / 1P
   14 Pin DIP Passive Delay Lines
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
   SMD Single Output Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com