Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF10N50PZ Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KF10N50PZ
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF10N50PZ Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KF10N50PZ Datasheet HTML 1Page - KEC(Korea Electronics) KF10N50PZ Datasheet HTML 2Page - KEC(Korea Electronics) KF10N50PZ Datasheet HTML 3Page - KEC(Korea Electronics) KF10N50PZ Datasheet HTML 4Page - KEC(Korea Electronics) KF10N50PZ Datasheet HTML 5Page - KEC(Korea Electronics) KF10N50PZ Datasheet HTML 6Page - KEC(Korea Electronics) KF10N50PZ Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2008. 10. 29
6/7
KF10N50P/F/PZ/FZ
Revision No : 1
Fig14. Gate Charge
ID
ID
V
DS
VGS
VGS
VDS
VGS
1.0 mA
Fast
Recovery
Diode
10V
10 V
25
RL
Qg
Qgd
Qgs
Q
tp
Fig16. Resistive Load Switching
Fig15. Single Pulsed Avalanche Energy
V
DS(t)
ID(t)
V
DS
VGS
10 V
25
L
Time
EAS=
LIAS2
BVDSS - VDD
BVDSS
1
2
VDD
IAS
BVDSS
VDS
VGS
tr
t
d(off)
toff
t
d(on)
ton
tf
10%
90%
50V
0.8 VDSS
0.5 VDSS


Similar Part No. - KF10N50PZ

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF10N50PR KEC-KF10N50PR Datasheet
83Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KF10N50PZ

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com