Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9460-40 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9460-40
Description  Mini DIP Single Output TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9460-40 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9460-40 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Dimensions
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min
Max
Unit
*These two values are inter-dependent.
Schematic
VOH
High-Level Output Voltage
VCC= min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC= max. VOUT = 0.
-40
-100
mA
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
75
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
TIME DELAY (ns)
PART
±5% or ±2 nS†
NUMBER
†Whichever is greater.
Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load.
5
EP9460-5
10
EP9460-10
15
EP9460-15
20
EP9460-20
25
EP9460-25
30
EP9460-30
35
EP9460-35
40
EP9460-40
45
EP9460-45
50
EP9460-50
60
EP9460-60
75
EP9460-75
100
EP9460-100
125
EP9460-125
150
EP9460-150
175
EP9460-175
200
EP9460-200
225
EP9460-225
250
EP9460-250
TIME DELAY (ns)
PART
±5% or ±2 nS†
NUMBER
Mini DIP Single Output TTL Compatible Active Delay Lines
DSD9460 Rev. A 2/5/96
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
5
1
4
OUTPUT
GROUND
INPUT
8
VCC
.365
Max.
.500 Max.
.280
Max.
PCA
EP9460-5
Date Code
.010
Typ.
.120 Min,
.020
Min.
.250
Max.
.020
Typ.
White Dot
Pin#1
.300


Similar Part No. - EP9460-40

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9460-40 PCA-EP9460-40 Datasheet
19Kb / 1P
   Mini DIP Single Output TTL Compatible Active Delay Lines
More results

Similar Description - EP9460-40

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9460 PCA-EP9460_15 Datasheet
19Kb / 1P
   Mini DIP Single Output TTL Compatible Active Delay Lines
EP9748-5 PCA-EP9748-5 Datasheet
18Kb / 1P
   Mini SIL Single Output TTL Compatible Active Delay Lines
EP9748 PCA-EP9748_15 Datasheet
18Kb / 1P
   Mini SIL Single Output TTL Compatible Active Delay Lines
EP9430 PCA-EP9430_15 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EP9430-5 PCA-EP9430-5 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EPA500 PCA-EPA500_15 Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EPA500-5 PCA-EPA500-5 Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EPA3856G-XX PCA-EPA3856G-XX_15 Datasheet
24Kb / 1P
   TTL Compatible Active Delay Lines
EPA445-5 PCA-EPA445-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual TTL Compatible Active Delay Lines
EP9734 PCA-EP9734_15 Datasheet
22Kb / 1P
   14 Pin DIP Quad TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com