Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA087-100F Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA087-100F
Description  Passive Variable Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA087-100F Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA087-100F Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
PART
VARIABLE DELAYS (nS)
DC
OUTPUT
CHAR.
NUMBER
LOW
RANGE
HIGH
RESISTANCE
RISE TIME
IMPEDANCE
MAX
MIN
OHMS MAX
20 - 80% NS MAX
OHMS ± 10%
EPA087-10A
2
10
12
0.6
2.5
50
EPA087-15A
2
15
17
0.7
3.0
50
EPA087-25A
3
25
28
0.9
5.0
50
EPA087-30A
4
30
34
1.0
6.0
50
EPA087-40A
5
40
45
1.3
8.0
50
EPA087-50A
6
50
56
1.7
10.0
50
EPA087-75A
9
75
84
2.6
15.0
50
EPA087-100A
12
100
112
3.5
20.0
50
EPA087-10F
2
10
12
1.0
2.5
75
EPA087-15F
2
15
17
1.5
3.0
75
EPA087-25F
3
25
28
2.0
5.0
75
EPA087-30F
4
30
34
2.5
6.0
75
EPA087-40F
5
40
45
3.0
8.0
75
EPA087-50F
6
50
56
3.5
10.0
75
EPA087-75F
9
75
84
4.5
15.0
75
EPA087-100F
12
100
112
5.5
20.0
75
EPA087-10B
2
10
12
1.5
2.5
100
EPA087-15B
2
15
17
2.0
3.0
100
EPA087-25B
3
25
28
2.5
5.0
100
EPA087-30B
4
30
34
3.0
6.0
100
EPA087-40B
5
40
45
3.5
8.0
100
EPA087-50B
6
50
56
4.0
10.0
100
EPA087-75B
9
75
84
5.0
15.0
100
EPA087-100B
12
100
112
6.0
20.0
100
Passive Variable Delay Lines
Package Dimensions
Schematic
DC Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
10 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR
Pulse Repetition Rate @ Td
≤ 150 nS
1.0 MHz
Pulse Repetition Rate @ Td > 150 nS
300 KHz
Recommended Operating
Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
*These two values are inter-dependent.
EPA087 10/92
.10
± .02
.30
± .01
3
Input
2, 4, 5
Ground
6
Termination
1
Output
.15 ± .02
1.00 ± .010
.10 ± .02
.145
Min.
.250/.350
.35
Max.
.500
Max.
1.375 Max.
.040/.075
.070/.120 DIA
4
5
1
6
2
3
#24 TC
PCA
EPA087-10A
Date Code
Delay Adjust


Similar Part No. - EPA087-100F

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA080A EXCELICS-EPA080A Datasheet
58Kb / 2P
   High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA080A-70 ETC1-EPA080A-70 Datasheet
22Kb / 2P
   High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
   High Efficiency Heterojunction Power FET
EPA080AV EXCELICS-EPA080AV Datasheet
58Kb / 2P
   High Efficiency Heterojunction Power FET
More results

Similar Description - EPA087-100F

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
logo
RCD COMPONENTS INC.
SMP1410A-10NS-50R RCD-SMP1410A-10NS-50R Datasheet
96Kb / 1P
   PASSIVE DIP DELAY LINES, TAPPED
logo
PCA ELECTRONICS INC.
EP9910N-1A PCA-EP9910N-1A Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N PCA-EP9910N_15 Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EPA2875G-.5H PCA-EPA2875G-.5H Datasheet
39Kb / 1P
   SMD Single Output Passive Delay Lines
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
   SMD 28 Pin Passive Delay Lines
logo
RCD COMPONENTS INC.
SP10-10NS-50RBW RCD-SP10-10NS-50RBW Datasheet
123Kb / 1P
   PASSIVE DELAY LINES, TAPPED, SIP PACKAGE
P01-1NS-50RBW RCD-P01-1NS-50RBW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com