Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA1220HL-125 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1220HL-125
Description  14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1220HL-125 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1220HL-125 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS
±5% or ±2 nS
NUMBER
80, 160, 240, 320
400
EPA1220HL-400
84, 168, 252, 336
420
EPA1220HL-420
88, 176, 264, 352
440
EPA1220HL-440
90, 180, 270, 360
450
EPA1220HL-450
94, 188, 282, 376
470
EPA1220HL-470
100, 200, 300, 400
500
EPA1220HL-500
110, 220, 330, 440
550
EPA1220HL-550
120, 240, 360, 480
600
EPA1220HL-600
130, 260, 390, 520
650
EPA1220HL-650
140, 280, 420, 560
700
EPA1220HL-700
150, 300, 450, 600
750
EPA1220HL-752
160, 320, 480, 640
800
EPA1220HL-800
170, 340, 510, 680
850
EPA1220HL-850
180, 360, 540, 720
900
EPA1220HL-900
190, 380, 570, 760
950
EPA1220HL-950
200, 400, 600, 800
1000
EPA1220HL-1000
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS
±5% or ±2 nS
NUMBER
5, 10, 15, 20
25
EPA1220HL-25
6, 12, 18, 24
30
EPA1220HL-30
7, 14, 21, 28
35
EPA1220HL-35
8, 16, 24, 32
40
EPA1220HL-40
9, 18, 27, 36
45
EPA1220HL-45
10, 20, 30, 40
50
EPA1220HL-50
12, 24, 36, 48
60
EPA1220HL-60
15, 30, 45, 60
75
EPA1220HL-75
20, 40, 60, 80
100
EPA1220HL-100
25, 50, 75, 100
125
EPA1220HL-125
30, 60, 90, 120
150
EPA1220HL-150
35, 70, 105, 140
175
EPA1220HL-175
40, 80, 120, 160
200
EPA1220HL-200
45, 90, 135, 180
225
EPA1220HL-225
50, 100, 150, 200
250
EPA1220HL-250
60, 120, 180, 240
300
EPA1220HL-300
70, 140, 210, 280
350
EPA1220HL-350
14 Pin DIP 5 Tap TTL Compatible
High Speed Active Delay Lines
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
EPA1220HL 5/3/93
Package Dimensions
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
-55
+125
°C
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max 2.7
V
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
0.5
V
VIK
Input Clamp Voltage
VCC = min. II = II K
-1.2
V
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
50
µA
VCC = max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
75
mA
ICCL Low-Level Supply Current
VCC = max. VIN = 0
75
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
Recommended
Operating Conditions
Min
Max
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
*These two values are inter-dependent.
Schematic
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.365
Max.
.780 Max.
.280
Max.
PCA
EPA1220HL-XX
Date Code
.010
Typ.
.150 Typ.
.020
Min.
.200
Max.
.020
Typ.
White Dot
Pin#1
.100
.300
.200


Similar Part No. - EPA1220HL-125

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA120 PCA-EPA120 Datasheet
54Kb / 1P
   4 Line Common Mode Filter
EPA120-A120G PCA-EPA120-A120G_15 Datasheet
58Kb / 1P
   4 Line Common Mode Filter
logo
CUI INC
EPA120050-P5-SZ CUI-EPA120050-P5-SZ Datasheet
404Kb / 7P
   linear adapter
EPA120050-S-T-SZ CUI-EPA120050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
logo
List of Unclassifed Man...
EPA1200A ETC-EPA1200A Datasheet
31Kb / 2P
   High Efficiency Heterojunction Power FET
More results

Similar Description - EPA1220HL-125

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP87XX PCA-EP87XX_15 Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP8700 PCA-EP8700 Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP93XX PCA-EP93XX_15 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP8200-HL PCA-EP8200-HL Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EP8270-92 PCA-EP8270-92_15 Datasheet
22Kb / 1P
   14 Pin DIP 5 Tap Low Power TTL Compatible Active Delay Lines
EPA1145-4 PCA-EPA1145-4 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EP9300 PCA-EP9300 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EPA1145 PCA-EPA1145_15 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com