Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA1825-5 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA1825-5
Description  14 Pin DIP High Precision Triple Output TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA1825-5 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA1825-5 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
*These two values are inter-dependent.
Recommended
Operating Conditions
Min
Max
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VOH High-Level Output Voltage
VCC= min. VIL= max. IOH = max
2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. I OL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2V
V
IIH
High-Level Input Current
VCC= max. VIN = 2.7V
50
µA
VCC= max. VIN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. VIN = 0.5V
-2
mA
IOS
Short Circuit Output Current VCC= max. VOUT = 0.
-40
-100
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. VIN = OPEN
115
mA
ICCL Low-Level Supply Current
VCC= max. VIN = 0
115
mA
TRO Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
NH
Fanout High-Level Output
VCC= max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min Max Unit
Package Dimensions
Schematic
14 Pin DIP High Precision Triple Output TTL Compatible
Active Delay Lines
DELAY TIME
PART
DELAY TIME
NUMBER
5±1
EPA1825-5
19±1
6±1
EPA1825-6
20±1
7±1
EPA1825-7
21±1
8±1
EPA1825-8
22±1
9±1
EPA1825-9
23±1
10±1
EPA1825-10
24±1
11±1
EPA1825-11
25±1
12±1
EPA1825-12
30±1.5
13±1
EPA1825-13
35±1.5
14±1
EPA1825-14
40±1.5
15±1
EPA1825-15
45±2
16±1
EPA1825-16
50±2
17±1
EPA1825-17
55±2
18±1
EPA1825-18
60±2
Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load.
PART
DELAY TIME
PART
NUMBER
EPA1825-19
65±2.5
EPA1825-65
EPA1825-20
70±2.5
EPA1825-70
EPA1825-21
75±2.5
EPA1825-75
EPA1825-22
80±2.5
EPA1825-80
EPA1825-23
85±3
EPA1825-85
EPA1825-24
90±3
EPA1825-90
EPA1825-25
95±3
EPA1825-95
EPA1825-30
100±3
EPA1825-100
EPA1825-35
125±4
EPA1825-125
EPA1825-40
150±4.5
EPA1825-150
EPA1825-45
175±5
EPA1825-175
EPA1825-50
200±6
EPA1825-200
EPA1825-55
225±7
EPA1825-225
EPA1825-60
250±8
EPA1825-250
( nS )
( nS )
( nS )
NUMBER
DSA1825 8/25/94
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
11
PCA
EPA1825-5
Date Code
.365
Max.
.200
.780 Max.
.280
.010
Typ.
.120 Min.
.020
Min.
Max.
.250
.020
Typ.
Max.
White Dot
Pin#1
12
10
14
VCC
1
3
5
7
GROUND
8


Similar Part No. - EPA1825-5

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1829A PCA-EPA1829A Datasheet
38Kb / 1P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829AG-RC PCA-EPA1829AG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829B PCA-EPA1829B Datasheet
66Kb / 2P
   10 Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829BG-RC PCA-EPA1829BG-RC Datasheet
24Kb / 1P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA1829C PCA-EPA1829C Datasheet
3Mb / 91P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
More results

Similar Description - EPA1825-5

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9206-005 PCA-EP9206-005 Datasheet
55Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
logo
List of Unclassifed Man...
EP9206-005 ETC2-EP9206-005 Datasheet
21Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EP9206 PCA-EP9206_15 Datasheet
55Kb / 1P
   14 Pin DIP Triple TTL Compatible Active Delay Lines
EPA500 PCA-EPA500_15 Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EPA500-5 PCA-EPA500-5 Datasheet
21Kb / 1P
   14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
EP9430-5 PCA-EP9430-5 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EP9430 PCA-EP9430_15 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EP9734 PCA-EP9734_15 Datasheet
22Kb / 1P
   14 Pin DIP Quad TTL Compatible Active Delay Lines
EP9734-5 PCA-EP9734-5 Datasheet
22Kb / 1P
   14 Pin DIP Quad TTL Compatible Active Delay Lines
logo
List of Unclassifed Man...
EP9934 ETC1-EP9934 Datasheet
41Kb / 3P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com