Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRA113 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KRA113
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA113 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRA113 Datasheet HTML 1Page - KEC(Korea Electronics) KRA113 Datasheet HTML 2Page - KEC(Korea Electronics) KRA113 Datasheet HTML 3Page - KEC(Korea Electronics) KRA113 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2009. 2. 25
1/4
SEMICONDUCTOR
TECHNICAL DATA
KRA110~KRA114
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
・With Built-in Bias Resistors.
・Simplify Circuit Design.
・Reduce a Quantity of Parts and Manufacturing Process.
1. EMITTER
2. COLLECTOR
3. BASE
TO-92
DIM MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2 3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
+_
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25℃)
R1
C
E
B
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-100
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150


Similar Part No. - KRA113

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA113M KEC-KRA113M Datasheet
382Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA113S KEC-KRA113S Datasheet
164Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA113S KEC-KRA113S Datasheet
66Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KRA113

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com