Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRA118 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRA118
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA118 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRA118 Datasheet HTML 1Page - KEC(Korea Electronics) KRA118 Datasheet HTML 2Page - KEC(Korea Electronics) KRA118 Datasheet HTML 3Page - KEC(Korea Electronics) KRA118 Datasheet HTML 4Page - KEC(Korea Electronics) KRA118 Datasheet HTML 5Page - KEC(Korea Electronics) KRA118 Datasheet HTML 6Page - KEC(Korea Electronics) KRA118 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2009. 2. 25
2/7
KRA116~KRA122
Revision No : 0
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRA116~122
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC Current Gain
KRA116
GI
VO=-5V, IO=-5mA
33
-
-
KRA117
VO=-5V, IO=-20mA
20
-
-
KRA118
VO=-5V, IO=-10mA
33
-
-
KRA119
VO=-5V, IO=-10mA
30
-
-
KRA120
VO=-5V, IO=-10mA
24
-
-
KRA121
VO=-5V, IO=-5mA
33
-
-
KRA122
VO=-5V, IO=-5mA
62
-
-
Output Voltage
KRA116
VO(ON)
IO=-10mA, II=-0.5mA
-
-
-0.3
V
KRA117
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
KRA118
IO=-10mA, II=-0.5mA
-
-
-0.3
KRA119
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
KRA120
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
KRA121
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
KRA122
IO=-5mA, II=-0.25mA
-
-0.1
-0.3
Input Voltage (ON)
KRA116
VI(ON)
VO=-0.3V, IO=-20mA
-
-0.98
-3
V
KRA117
VO=-0.3V, IO=-20mA
-
-1.83
-3
KRA118
VO=-0.3V, IO=-20mA
-
-1.22
-3
KRA119
VO=-0.3V, IO=-20mA
-
-1.76
-2.5
KRA120
VO=-0.3V, IO=-2mA
-
-2
-3
KRA121
VO=-0.3V, IO=-2mA
-
-3.9
-5
KRA122
VO=-0.3V, IO=-1mA
-
-1.64
-3
Input Voltage (OFF)
KRA116
VI(OFF)
VCC=-5V, IO=-100μA
-0.3
-0.63
-
V
KRA117
-0.5
-1.15
-
KRA118
-0.3
-0.67
-
KRA119
-0.3
-0.82
-
KRA120
-0.8
-1.68
-
KRA121
-1
-3.09
-
KRA122
-0.5
-1.17
-
Transition Frequency
KRA116~122
fT*
VO=-10V, IO=-5mA
-
250
-
MHz
Input Current
KRA116
II
VI=-5V
-
-
-7.2
mA
KRA117
-
-
-3.8
KRA118
-
-
-3.8
KRA119
-
-
-1.8
KRA120
-
-
-0.88
KRA121
-
-
-0.16
KRA122
-
-
-0.15
Note : * Characteristic of Transistor Only.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Input Resistor
KRA116
R1
-
0.7
1
1.3
kΩ
KRA117
1.54
2.2
2.86
KRA118
1.54
2.2
2.86
KRA119
3.29
4.7
6.11
KRA120
7
10
13
KRA121
32.9
47
61.1
KRA122
70
100
130
Resistor Ratio
KRA116
R2/R1
-
8
10
12
KRA117
0.8
1.0
1.2
KRA118
3.6
4.5
5.5
KRA119
1.7
2.1
2.6
KRA120
0.37
0.47
0.57
KRA121
0.17
0.21
0.26
KRA122
0.8
1.0
1.2


Similar Part No. - KRA118

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA118 KEC-KRA118 Datasheet
410Kb / 7P
   EPITAXIAL PLANAR PNP TRANSISTOR
KRA118M KEC-KRA118M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA118M KEC-KRA118M Datasheet
91Kb / 7P
   EPITAXIAL PLANAR PNP TRANSISTOR
KRA118S KEC-KRA118S Datasheet
184Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA118S KEC-KRA118S Datasheet
75Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KRA118

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com