Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KRA119 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KRA119
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA119 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KRA119 Datasheet HTML 1Page - KEC(Korea Electronics) KRA119 Datasheet HTML 2Page - KEC(Korea Electronics) KRA119 Datasheet HTML 3Page - KEC(Korea Electronics) KRA119 Datasheet HTML 4Page - KEC(Korea Electronics) KRA119 Datasheet HTML 5Page - KEC(Korea Electronics) KRA119 Datasheet HTML 6Page - KEC(Korea Electronics) KRA119 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2009. 2. 25
3/7
KRA116~KRA122
Revision No : 0
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Switching
Time
Rise
Time
KRA116M
tr
VO=-5V
VIN=-5V
RL=1kΩ
-
0.01
-
μS
KRA117M
-
0.03
-
KRA118M
-
0.02
-
KRA119M
-
0.05
-
KRA120M
-
0.12
-
KRA121M
-
0.30
-
KRA122M
-
0.35
-
Storage
Time
KRA116M
tstg
-
3
-
KRA117M
-
2
-
KRA118M
-
3
-
KRA119M
-
3
-
KRA120M
-
2
-
KRA121M
-
2
-
KRA122M
-
2
-
Fall
Time
KRA116M
tf
-
0.1
-
KRA117M
-
0.19
-
KRA118M
-
0.1
-
KRA119M
-
0.36
-
KRA120M
-
0.35
-
KRA121M
-
0.5
-
KRA122M
-
0.7
-
ELECTRICAL CHARACTERISTICS (Ta=25℃)


Similar Part No. - KRA119

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA119 KEC-KRA119 Datasheet
410Kb / 7P
   EPITAXIAL PLANAR PNP TRANSISTOR
KRA119M KEC-KRA119M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA119M KEC-KRA119M Datasheet
91Kb / 7P
   EPITAXIAL PLANAR PNP TRANSISTOR
KRA119S KEC-KRA119S Datasheet
184Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA119S KEC-KRA119S Datasheet
75Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KRA119

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com