Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA061-400L Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA061-400L
Description  24 Pin DIP Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA061-400L Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA061-400L Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24 Pin DIP Passive Delay Lines
Zo
TOTAL DELAY
TAP TO TAP
OUTPUT
ATTEN
PART NUMBER
OHMS
nS ±5%
DELAYS
RISE TME
Max.
SCHEMATIC
SCHEMATIC
SCHEMATIC
±10%
or ±2 nS†
nS
nS Max.
%
#1
#2
#3
50
20
1.0 ± 0.2
3
10
EPA059-20A
EPA060-20A
EPA061-20A
50
50
2.5 ± 0.5
5
10
EPA059-50A
EPA060-50A
EPA061-50A
50
100
5.0 ± 1.0
10
10
EPA059-100A
EPA060-100A
EPA061-100A
50
200
10.0 ± 1.0
20
10
EPA059-200A
EPA060-200A
EPA061-200A
100
20
1.0 ± 0.2
3
10
EPA059-20B
EPA060-20B
EPA061-20B
100
50
2.5 ± 0.5
5
10
EPA059-50B
EPA060-50B
EPA061-50B
100
100
5.0 ± 1.0
10
10
EPA059-100B
EPA060-100B
EPA061-100B
100
200
10.0 ± 1.0
20
10
EPA059-200B
EPA060-200B
EPA061-200B
100
500
25.0 ± 2.5
50
20
EPA059-500B
EPA060-500B
EPA061-500B
100
1000
50.0 ± 5.0
100
20
EPA059-1000B
EPA060-1000B
EPA061-1000B
200
20
1.0 ± 0.2
3
10
EPA059-20C
EPA060-20C
EPA061-20C
200
50
2.5 ± 0.5
5
10
EPA059-50C
EPA060-50C
EPA061-50C
200
100
5.0 ± 1.0
10
10
EPA059-100C
EPA060-100C
EPA061-100C
200
500
25.0 ± 2.5
50
20
EPA059-500C
EPA060-500C
EPA061-500C
200
250
1000
400
50.0 ± 5.0
20 ± 2.5
100
40
20
20
EPA059-1000C
EPA059-400L
EPA060-1000C
EPA060-400L
EPA061-1000C
EPA061-400L
Package Dimensions
Schematic
DC Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
3 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR
Pulse Repetition Rate @ Td
≤ 150 nS
1.0 MHz
Pulse Repetition Rate @ Td > 150 nS
300 KHz
Recommended Operating
Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
*These two values are inter-dependent.
DSA059/060/061 Rev. C
2/22/00
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
47
Whichever is greater.
45
6
7
9
10 11 12
13
3
2
1
In
15 16
17 18
19 20 21 22
23
14
Out
GROUND
24
8
23
45
7
8
910
11
1
12
In
15 16
17 18
19 20 21 22
23
14
Out
GROUND
24
6
45
67
9
10
11
13
3
2
12
In
15 16
17 18
19 20 21 22
23
14
Out
GROUND
24
8
#1
#2
#3
.100 Typ.
1.28 Max.
.570
Max.
PCA
EPA059-20A
Date Code
.150 Typ.
.020
Min.
.250
Max.
.020 Typ.
White Dot Pin#1
.665
Max.
.010 Typ.


Similar Part No. - EPA061-400L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA061-400L PCA-EPA061-400L Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
More results

Similar Description - EPA061-400L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA059-060-061 PCA-EPA059-060-061_15 Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP6400-1 PCA-EP6400-1 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP19830 PCA-EP19830 Datasheet
21Kb / 1P
   14 Pin DIP Passive Delay Lines
logo
RCD COMPONENTS INC.
SMP1410A-10NS-50R RCD-SMP1410A-10NS-50R Datasheet
96Kb / 1P
   PASSIVE DIP DELAY LINES, TAPPED
logo
PCA ELECTRONICS INC.
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
   SMD 28 Pin Passive Delay Lines
EPA087-10A PCA-EPA087-10A Datasheet
39Kb / 1P
   Passive Variable Delay Lines
EPA3252-2.5 PCA-EPA3252-2.5 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3252-XXX PCA-EPA3252-XXX_15 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EP123101 PCA-EP123101 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com