Electronic Components Datasheet Search |
|
EPA1825-45 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC. |
|
EPA1825-45 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC. |
|
1 / 1 page VCC Supply Voltage 4.75 5.25 V VIH High-Level Input Voltage 2.0 V VIL Low-Level Input Voltage 0.8 V IIK Input Clamp Current -18 mA IOH High-Level Output Current -1.0 mA IOL Low-Level Output Current 20 mA PW* Pulse Width of Total Delay 40 % d* Duty Cycle 40 % TA Operating Free-Air Temperature 0 +70 °C *These two values are inter-dependent. Recommended Operating Conditions Min Max Unit EIN Pulse Input Voltage 3.2 Volts PW Pulse Width % of Total Delay 110 % TRI Pulse Rise Time (0.75 - 2.4 Volts) 2.0 nS PRR Pulse Repetition Rate @ Td ≤ 200 nS 1.0 MHz Pulse Repetition Rate @ Td > 200 nS 100 KHz VCC Supply Voltage 5.0 Volts Input Pulse Test Conditions @ 25° C Unit VOH High-Level Output Voltage VCC= min. VIL= max. IOH = max 2.7 V VOL Low-Level Output Voltage VCC= min. VIH = min. I OL= max 0.5 V VIK Input Clamp Voltage VCC= min. II = IIK -1.2V V IIH High-Level Input Current VCC= max. VIN = 2.7V 50 µA VCC= max. VIN = 5.25V 1.0 mA IIL Low-Level Input Current VCC= max. VIN = 0.5V -2 mA IOS Short Circuit Output Current VCC= max. VOUT = 0. -40 -100 mA (One output at a time) ICCH High-Level Supply Current VCC= max. VIN = OPEN 115 mA ICCL Low-Level Supply Current VCC= max. VIN = 0 115 mA TRO Output Rise Time Td ≤ 500 nS (0.75 to 2.4 Volts) 4 nS NH Fanout High-Level Output VCC= max. VOH = 2.7V 20 TTL LOAD NL Fanout Low-Level Output VCC= max. VOL = 0.5V 10 TTL LOAD DC Electrical Characteristics Parameter Test Conditions Min Max Unit Package Dimensions Schematic 14 Pin DIP High Precision Triple Output TTL Compatible Active Delay Lines DELAY TIME PART DELAY TIME NUMBER 5±1 EPA1825-5 19±1 6±1 EPA1825-6 20±1 7±1 EPA1825-7 21±1 8±1 EPA1825-8 22±1 9±1 EPA1825-9 23±1 10±1 EPA1825-10 24±1 11±1 EPA1825-11 25±1 12±1 EPA1825-12 30±1.5 13±1 EPA1825-13 35±1.5 14±1 EPA1825-14 40±1.5 15±1 EPA1825-15 45±2 16±1 EPA1825-16 50±2 17±1 EPA1825-17 55±2 18±1 EPA1825-18 60±2 Delay Times referenced from input to leading edges at 25°C, 5.0V, with no load. PART DELAY TIME PART NUMBER EPA1825-19 65±2.5 EPA1825-65 EPA1825-20 70±2.5 EPA1825-70 EPA1825-21 75±2.5 EPA1825-75 EPA1825-22 80±2.5 EPA1825-80 EPA1825-23 85±3 EPA1825-85 EPA1825-24 90±3 EPA1825-90 EPA1825-25 95±3 EPA1825-95 EPA1825-30 100±3 EPA1825-100 EPA1825-35 125±4 EPA1825-125 EPA1825-40 150±4.5 EPA1825-150 EPA1825-45 175±5 EPA1825-175 EPA1825-50 200±6 EPA1825-200 EPA1825-55 225±7 EPA1825-225 EPA1825-60 250±8 EPA1825-250 ( nS ) ( nS ) ( nS ) NUMBER DSA1825 8/25/94 QAF-CSO1 Rev. B 8/25/94 Unless Otherwise Noted Dimensions in Inches Tolerances: Fractional = ± 1/32 .XX = ± .030 .XXX = ± .010 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791 E L E C T R O N I C S I N C . 11 PCA EPA1825-5 Date Code .365 Max. .200 .780 Max. .280 .010 Typ. .120 Min. .020 Min. Max. .250 .020 Typ. Max. White Dot Pin#1 12 10 14 VCC 1 3 5 7 GROUND 8 |
Similar Part No. - EPA1825-45 |
|
Similar Description - EPA1825-45 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |