Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP9910N-20B Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EP9910N-20B
Description  Mini SIP Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EP9910N-20B Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EP9910N-20B Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Mini SIP Passive Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EP9910N-XX
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CS9910N-XX
Rev. F
6/8/04 RR
Schematic
1
3
2
Package
Leads : #24 TC WIRE
.100
(2.54)
PCA
EP9910N-1H
D.C.
1.0 nS
32
1
.300
(7.62)
.120 Max. (3.05)
.025
(.635)
.125 Min. (3.18)
.375
Max.
(9.53)
.490 Max.
(12.45)
.080
Typ.
(2.03)
Impedance
(±10%)
Time Delay
(nS)
Bi-directional
1 ± 0.2
2 ± 0.2
3 ± 0.2
4 ± 0.2
5 ± 0.25
6 ± 0.3
7 ± 0.3
8 ± 0.3
9 ± 0.3
10 ± 0.3
11 ± 0.35
12 ± 0.35
13 ± 0.35
14 ± 0.35
15 ± 0.35
16 ± 0.4
17 ± 0.4
18 ± 0.4
19 ± 0.4
20 ± 0.4
DCR
(
Ω Max. )
0.20
0.25
0.35
0.45
0.55
0.70
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
55
EP9910N-1H
EP9910N-2H
EP9910N-3H
EP9910N-4H
EP9910N-5H
EP9910N-6H
EP9910N-7H
EP9910N-8H
EP9910N-9H
EP9910N-10H
EP9910N-11H
EP9910N-12H
EP9910N-13H
EP9910N-14H
EP9910N-15H
EP9910N-16H
EP9910N-17H
EP9910N-18H
EP9910N-19H
EP9910N-20H
75
EP9910N-1F
EP9910N-2F
EP9910N-3F
EP9910N-4F
EP9910N-5F
EP9910N-6F
EP9910N-7F
EP9910N-8F
EP9910N-9F
EP9910N-10F
EP9910N-11F
EP9910N-12F
EP9910N-13F
EP9910N-14F
EP9910N-15F
EP9910N-16F
EP9910N-17F
EP9910N-18F
EP9910N-19F
EP9910N-20F
100
EP9910N-1B
EP9910N-2B
EP9910N-3B
EP9910N-4B
EP9910N-5B
EP9910N-6B
EP9910N-7B
EP9910N-8B
EP9910N-9B
EP9910N-10B
EP9910N-11B
EP9910N-12B
EP9910N-13B
EP9910N-14B
EP9910N-15B
EP9910N-16B
EP9910N-17B
EP9910N-18B
EP9910N-19B
EP9910N-20B
200
EP9910N-1C
EP9910N-2C
EP9910N-3C
EP9910N-4C
EP9910N-5C
EP9910N-6C
EP9910N-7C
EP9910N-8C
EP9910N-9C
EP9910N-10C
EP9910N-11C
EP9910N-12C
EP9910N-13C
EP9910N-14C
EP9910N-15C
EP9910N-16C
EP9910N-17C
EP9910N-18C
EP9910N-19C
EP9910N-20C
93
EP9910N-1 I
EP9910N-2 I
EP9910N-3 I
EP9910N-4 I
EP9910N-5 I
EP9910N-6 I
EP9910N-7 I
EP9910N-8 I
EP9910N-9 I
EP9910N-10 I
EP9910N-11 I
EP9910N-12 I
EP9910N-13 I
EP9910N-14 I
EP9910N-15 I
EP9910N-16 I
EP9910N-17 I
EP9910N-18 I
EP9910N-19 I
EP9910N-20 I
50
EP9910N-1A
EP9910N-2A
EP9910N-3A
EP9910N-4A
EP9910N-5A
EP9910N-6A
EP9910N-7A
EP9910N-8A
EP9910N-9A
EP9910N-10A
EP9910N-11A
EP9910N-12A
EP9910N-13A
EP9910N-14A
EP9910N-15A
EP9910N-16A
EP9910N-17A
EP9910N-18A
EP9910N-19A
EP9910N-20A
Rise Time
(nS Max.)
1.6
1.6
1.7
1.7
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
20%-80%
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
3 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR
Pulse Repetition Rate
1.0 MHz
Recommended Operating Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
-40
85
°C
*These two values are inter-dependent.
DC Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
• Operating Temperature : -40°C to +85°C •


Similar Part No. - EP9910N-20B

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9910N-20B PCA-EP9910N-20B Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
More results

Similar Description - EP9910N-20B

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
EP9910 PCA-EP9910_15 Datasheet
18Kb / 1P
   Mini SIP Passive Delay Lines
EP9910N PCA-EP9910N_15 Datasheet
41Kb / 1P
   Mini SIP Passive Delay Lines
logo
RCD COMPONENTS INC.
SP10-10NS-50RBW RCD-SP10-10NS-50RBW Datasheet
123Kb / 1P
   PASSIVE DELAY LINES, TAPPED, SIP PACKAGE
P01-1NS-50RBW RCD-P01-1NS-50RBW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
logo
Rhombus Industries Inc.
SIP8 RHOMBUS-IND-SIP8 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
SIL2 RHOMBUS-IND-SIL2 Datasheet
28Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
SP3 RHOMBUS-IND-SP3 Datasheet
26Kb / 1P
   SP3 Series Mini-SIP Passive Delay Modules
SL2T RHOMBUS-IND-SL2T Datasheet
32Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
logo
PCA ELECTRONICS INC.
EPA087-10A PCA-EPA087-10A Datasheet
39Kb / 1P
   Passive Variable Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com