Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA247-420-RC Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA247-420-RC
Description  SMD 14 Pin 10 Tap TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA247-420-RC Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA247-420-RC Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
SMD 14 Pin 10 Tap
TTL Compatible Active Delay Lines
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPA247-XX & EPA247-XX-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA247 & -RC
Rev. A1
12/5/05 RR
Schematic
Add “-RC” after part number for RoHS Compliant
Tap Delays
(†±5% or ± 2nS)
5
6
7.5
10
12.5
15
17.5
20
22.5
25
30
35
40
42
Total Delay
(†±5% or ± 2nS)
50
60
75
100
125
150
175
200
225
250
300
350
400
420
PCA
Part Number
EPA247-440(-RC)
EPA247-450(-RC)
EPA247-470(-RC)
EPA247-500(-RC)
EPA247-550(-RC)
EPA247-600(-RC)
EPA247-650(-RC)
EPA247-700(-RC)
EPA247-750(-RC)
EPA247-800(-RC)
EPA247-850(-RC)
EPA247-900(-RC)
EPA247-950(-RC)
EPA247-1000(-RC)
Tap Delays
(†±5% or ± 2nS)
44
45
47
50
55
60
65
70
75
80
85
90
95
100
Total Delay
(†±5% or ± 2nS)
440
450
470
500
550
600
650
700
750
800
850
900
950
1000
PCA
Part Number
EPA247-50(-RC)
EPA247-60(-RC)
EPA247-75(-RC)
EPA247-100(-RC)
EPA247-125(-RC)
EPA247-150(-RC)
EPA247-175(-RC)
EPA247-200(-RC)
EPA247-225(-RC)
EPA247-250(-RC)
EPA247-300(-RC)
EPA247-350(-RC)
EPA247-400(-RC)
EPA247-420(-RC)
†Whichever is greater. Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Recommended Operating Conditions
VCC Supply Voltage
VIH
High-Level Input Voltage
VIL
Low-Level Input Voltage
IIK
Input Clamp Current
IOH
High-Level Output Current
IOL
Low-Level Output Current
PW*
Pulse Width of Total Delay
d*
Duty Cycle
TA
Operating Free-Air Temperature
Min.
4.75
2.0
40
0
Max.
5.25
0.8
-18
-1.0
20
40
+70
Unit
V
V
V
mA
mA
mA
%
%
°C
*These two values are inter-dependent.
Input Pulse Test Conditions @ 25° C
EIN
Pulse Input Voltage
PW
Pulse Width % of Total Delay
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
PRR Pulse Repetition Rate @ Td ≤ 200 nS
Pulse Repetition Rate @ Td > 200 nS
VCC Supply Voltage
3.2
110
2.0
1.0
100
5.0
Unit
Volts
%
nS
MHz
KHz
Volts
DC Electrical Characteristics
Parameter
Test Conditions
VOH High-Level Output Voltage
VCC = min. VIL= max. IOH = max
VOL
Low-Level Output Voltage
VCC = min. VIH = min. IOL= max
VIK
Input Clamp Voltage
VCC = min. II = II K
IIH
High-Level Input Current
VCC = max. VIN = 2.7V
VCC = max. VIN = 5.25V
IIL
Low-Level Input Current
VCC = max. VIN = 0.5V
IOS
Short Circuit Output Current
VCC = max. V OUT = 0.
Min.
2.7
-40
(One output at a time)
ICCH High-Level Supply Current
VCC = max. VIN = OPEN
ICCL Low-Level Supply Current
VCC = max. VIN = 0
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
Td > 500 nS
Max.
0.5
-1.2
50
1.0
-2
-100
150
150
4
5
NH
Fanout High-Level Output
VCC = max. V OH = 2.7V
20 TTL Load
NL
Fanout Low-Level Output
VCC = max. V OL = 0.5V
10 TTL Load
Unit
V
V
V
µA
mA
mA
mA
nS
nS
mA
mA
Notes :
2. Peak Solder Rating
(per IPC/JEDEC-J-STD-020C)
4. Weight
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC-J-STD-020C)
1. Assembly Process
(Solder Composition)
(Leadframe)
(Assembly Solder)
5. Packaging Information
(*Add “TR” to end of part
number when placing order)
(Tube)
(Tape & Reel)
EPA247-XX-RC
260°C
TBD grams
4
(72 hours,
≤30°C/60%RH)
SnPb
(RoHS exemption 7a)
Sn
27 pieces/tube
TBD pieces/13” reel
(*EPA245-XX-RCTR)
EPA247-XX
225°C
TBD grams
3
(168 hours,
≤30°C/60%RH)
SnPb
SnPb
27 pieces/tube
TBD pieces/13” reel
(*EPA245-XX-TR)
13
3
12
4
11
5
10
6
9
8
1
7
INPUT
OUTPUT
GROUND
14 VCC
J-Lead Package
.100
(2.54)
PCA
EPA247-XX
Date Code
.280 Max.
(7.11)
.780 Max.
(17.81)
.275 Max.
(6.99)
.025/.045
(.635/1.14)
.300 Max.
(7.62)
.020
(.508)
.055
(1.40)
.100
(2.54)
.030
(.762)
Suggested Solder
Pad Layout
.300
(7.62)
.310
(7.87)


Similar Part No. - EPA247-420-RC

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA247-420 PCA-EPA247-420 Datasheet
30Kb / 1P
   SMD 14 Pin 10 Tap TTL Compatible Active Delay Modules
More results

Similar Description - EPA247-420-RC

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA2720-25 PCA-EPA2720-25 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398-25 PCA-EPA2398-25 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2398 PCA-EPA2398_15 Datasheet
23Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA2720-XX PCA-EPA2720-XX_15 Datasheet
41Kb / 1P
   SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA424 PCA-EPA424_15 Datasheet
23Kb / 1P
   SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA424-25 PCA-EPA424-25 Datasheet
23Kb / 1P
   SO SMD 14 Pin 5 Tap TTL Compatible Active Delay Lines
EPA245-50 PCA-EPA245-50 Datasheet
30Kb / 1P
   SMD 14 Pin 10 Tap TTL Compatible Active Delay Modules
EP9810 PCA-EP9810_15 Datasheet
21Kb / 1P
   14 Pin DIL 5 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com