Electronic Components Datasheet Search |
|
380SS105M08 Datasheet(PDF) 1 Page - Glenair, Inc. |
|
380SS105M08 Datasheet(HTML) 1 Page - Glenair, Inc. |
1 / 2 page www.glenair.com E-Mail: sales@glenair.com Series 38 - Page 118 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 380 F S 105 M 16 08 A 6 Product Series Connector Designator Angle and Profile M = 45° N = 90° S = Straight Basic Part No. Length: S only (1/2 inch increments: e.g. 6 = 3 inches) Strain Relief Style (H, A, M, D) Cable Entry (Table X, XI) Shell Size (Table I) Finish (Table II) STYLE 2 (STRAIGHT See Note 1) Length ± .060 (1.52) Minimum Order Length 2.0 Inch (See Note 4) STYLE 2 (45° & 90° See Note 1) 1.00 (25.4) Max H (Table III) F (Table III) G (Table III) E Typ. (Table I) A Thread (Table I) Length ± .060 (1.52) Minimum Order Length 1.5 Inch (See Note 4) J (Table III) Anti-Rotation Device (Typ.) Cable Range STYLE H Heavy Duty (Table X) STYLE A Medium Duty (Table XI) STYLE D Medium Duty (Table XI) STYLE M Medium Duty (Table XI) W V Y Y Cable Range X Cable Range .135 (3.4) Max Z T Cable Entry CONNECTOR DESIGNATORS A-F-H-L-S SELF-LOCKING ROTATABLE COUPLING TYPE F INDIVIDUAL AND/OR OVERALL SHIELD TERMINATION 380-105 EMI/RFI Non-Environmental Backshell with Strain Relief Type F - Self-Locking - Rotatable Coupling - Full Radius Profile |
Similar Part No. - 380SS105M08 |
|
Similar Description - 380SS105M08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |