Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380FS131XW08 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 380FS131XW08
Description  Composite Knit-Braid Style
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380FS131XW08 Datasheet(HTML) 1 Page - Glenair, Inc.

  380FS131XW08 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-53
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
APPLICATION NOTES
Coupling nut and saddle bars supplied unplated.
1.
Metric dimensions (mm) are in parentheses and are for reference only.
2.
Consult factory for additional entry sizes available.
3.
For angled part requirements, use in conjuncion with Glenair 327-060
4.
Extenders.
See Table I in Intro for additional connector front-end dimensions.
5.
Oval Holes, .256 (6.5) x .512 (13.0) Oval Holes, .315 (8.0) x .512 (13.0)
Circular Holes, .512 (13.0) Diameter.
TABLE IV: CABLE ENTRY
Entry
Code**
00
01
02
03
04
05
06
07
08
09
D
+.010 (0.25)
.268 (6.8)
.354 (9.0)
.472 (12.0)
.591 (15.0)
.709 (18.0)
.837 (21.3)
.945 (24.0)
1.063 (27.0)
1.191 (30.3)
1.319 (33.5)
Number
of Holes
2
2
2
2
2
2
2
4
4
4
E
+.020 (0.50)
.512 (13.0)
.512 (13.0)
.512 (13.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
F
+.020 (0.50)
.880 (22.4)
.880 (22.4)
.940 (23.9)
1.170 (29.7)
1.280 (32.5)
1.410 (35.8)
1.500 (38.1)
1.560 (39.6)
1.690 (42.9)
1.820 (46.2)
Max Entry
Code**
01
02
03
04
05
06
07
08
09
Shell
Size
A
08
10
12
14
16
18
20
22
24
TABLE II: SHELL SIZE
Shell
Size
F/L
08
10
12
14
16
18
20
22
24
H
09
11
13
15
17
19
21
23
25
Max Entry
Code**
00
01
02
03
04
05
06
07
08
Finish Symbol
(See Table III)
Connector Designator
A, F, L and H
Product Series
380 - EMI/RFI Non Environmental
Backshells with Strain Relief
380 H S 131 XM 15 - 01 SB
Angle and Profile
S - Straight
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Strain Relief Style
SB - Shrink Boot Groove
SBT - Shrink Boot Groove
with boot supplied
(Omit for none)
380-131
Composite Knit-Braid Style
EMI/RFI Shield Termination Backshell
with Strain-Relief Clamp and Rotatable Coupling
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant Electroless Nickel
XMT
2000 Hour Corrosion Resistant Ni-PTFE, Nickel-
Fluorocarbon Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion ResistantCadmium/Olive
Drab over Electroless Nickel
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
ROTATABLE COUPLING
Self-Locking Rotatable Coupling
Optional Shrink Boot Groove
E
1.300 +.02
(33.0 + 0.5)
D DIA
.390 (10.0)
Equally Spaced Holes
to Accommodate Knit Braid 107-044
F


Similar Part No. - 380FS131XW08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380FS130XM08 GLENAIR-380FS130XM08 Datasheet
354Kb / 1P
   Composite Knit-Braid Style
380FS130XM10 GLENAIR-380FS130XM10 Datasheet
354Kb / 1P
   Composite Knit-Braid Style
380FS130XM12 GLENAIR-380FS130XM12 Datasheet
354Kb / 1P
   Composite Knit-Braid Style
380FS130XM14 GLENAIR-380FS130XM14 Datasheet
354Kb / 1P
   Composite Knit-Braid Style
380FS130XM16 GLENAIR-380FS130XM16 Datasheet
354Kb / 1P
   Composite Knit-Braid Style
More results

Similar Description - 380FS131XW08

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380FS130XM08 GLENAIR-380FS130XM08 Datasheet
354Kb / 1P
   Composite Knit-Braid Style
380FS132XM08 GLENAIR-380FS132XM08 Datasheet
356Kb / 1P
   Composite Knit-Braid Style EMI/RFI
107-044 GLENAIR-107-044 Datasheet
201Kb / 1P
   EMI/RFI Nickel Plated Copper Knit Braid
107004B12 GLENAIR-107004B12 Datasheet
201Kb / 1P
   EMI/RFI Nickel Plated Copper Knit Braid
103-026-004 GLENAIR-103-026-004 Datasheet
266Kb / 1P
   100% AmberStrand Composite Braid
103_026 GLENAIR-103_026 Datasheet
119Kb / 1P
   100% AmberStrand Composite Braid
103-027-004 GLENAIR-103-027-004 Datasheet
267Kb / 1P
   75% / 25% AmberStrand Composite / NiCu Braid
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
   Composite Cone and Ring Style
387HS083XM09 GLENAIR-387HS083XM09 Datasheet
313Kb / 2P
   Composite Multi-Shield Cone and Ring Style
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com