Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH36D07 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH36D07
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH36D07 Datasheet(HTML) 2 Page - Sumida Corporation

  CDH36D07_1 Datasheet HTML 1Page - Sumida Corporation CDH36D07_1 Datasheet HTML 2Page - Sumida Corporation CDH36D07_1 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics specification.
Saturation & Temperature Rise Current Characteristics Curve.
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
CDH36D07
CDH36D07
CDH36D07
CDH36D07
※1. Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value.
※2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
CDH
CDH
CDH
CDH36
36
36
36DDDD07  
07  
07  
07   ⊿T vs Idc
⊿T vs Idc
⊿T vs Idc
⊿T vs Idc((((REF
REF
REF
REF....)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I dc (A)
T
(℃
0
10
20
30
40
50
60
70
80
1R0
1R5
2R2
2R7
3R3
4R7
6R8
8R2
100
CDH
CDH
CDH
CDH36
36
36
36DDDD07
07
07
07
L vs Idc
L vs Idc
L vs Idc
L vs Idc ((((REF
REF
REF
REF ....)
0
2
4
6
8
10
12
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
I dc (A)
 
μ
Η
1R0
1R5
2R2
2R7
3R3
4R7
6R8
8R2
100
CDH36D07NP-1R0NC
1R0
1.0 ± 30%
0.14 (0.11)
1.79
1.21
CDH36D07NP-1R5NC
1R5
1.5 ± 30%
0.18 (0.14)
1.52
1.08
CDH36D07NP-2R2MC
2R2
2.2 ± 20%
0.23 (0.18)
1.24
0.93
CDH36D07NP-2R7MC
2R7
2.7 ± 20%
0.26 (0.21)
1.12
0.89
CDH36D07NP-3R3MC
3R3
3.3 ± 20%
0.30 (0.24)
0.98
0.82
CDH36D07NP-4R7MC
4R7
4.7 ± 20%
0.39 (0.31)
0.90
0.70
CDH36D07NP-6R8MC
6R8
6.8 ± 20%
0.55 (0.44)
0.70
0.63
CDH36D07NP-8R2MC
8R2
8.2 ± 20%
0.83 (0.66)
0.65
0.49
CDH36D07NP-100MC
100
10.0 ± 20%
0.96 (0.77)
0.58
0.36
Saturation Current
(A)※1
Temperature
Rise Current
(A)
※2
Stamp
Part Name
Inductance
(µH)
100KHz
D.C.R.(
Ω)
Max.(Typ.)
(at 20
℃)


Similar Part No. - CDH36D07_1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH36D07NP-100MC SUMIDA-CDH36D07NP-100MC Datasheet
29Kb / 1P
   POWER INDUCTORS
CDH36D07NP-1R0NC SUMIDA-CDH36D07NP-1R0NC Datasheet
29Kb / 1P
   POWER INDUCTORS
CDH36D07NP-1R5NC SUMIDA-CDH36D07NP-1R5NC Datasheet
29Kb / 1P
   POWER INDUCTORS
CDH36D07NP-2R2MC SUMIDA-CDH36D07NP-2R2MC Datasheet
29Kb / 1P
   POWER INDUCTORS
CDH36D07NP-2R7MC SUMIDA-CDH36D07NP-2R7MC Datasheet
29Kb / 1P
   POWER INDUCTORS
More results

Similar Description - CDH36D07_1

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com