Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380FS130XM14 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 380FS130XM14
Description  Composite Knit-Braid Style
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380FS130XM14 Datasheet(HTML) 1 Page - Glenair, Inc.

  380FS130XM14 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A-52
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2009 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
380-130
Composite Knit-Braid Style
EMI/RFI Shield Termination Backshell
with Qwik-Ty® and Rotatable Coupling
TABLE IV: CABLE ENTRY
Entry
Code**
00
01
02
03
04
05
06
07
08
09
D
+.010 (0.25)
.268 (6.8)
.354 (9.0)
.472 (12.0)
.591 (15.0)
.709 (18.0)
.837 (21.3)
.945 (24.0)
1.063 (27.0)
1.191 (30.3)
1.319 (33.5)
Number
of Holes
2
2
2
2
2
2
2
4
4
4
E
+.020 (0.50)
.187 (4.8)
.187 (4.8)
.187 (4.8)
.187 (4.8)
.219 (5.6)
.219 (5.6)
.219 (5.6)
.250 (6.4)
.250 (6.4)
.250 (6.4)
F
+.020 (0.50)
.312 (7.9)
.312 (7.9)
.312 (7.9)
.312 (7.9)
.369 (9.4)
.369 (9.4)
.369 (9.4)
.437 (11.1)
.437 (11.1)
.437 (11.1)
G
+.020 (0.50)
.512 (13.0)
.512 (13.0)
.512 (13.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
.630 (16.0)
Oval Holes, .256 (6.5) x .512 (13.0) Oval Holes, .315 (8.0) x .512 (13.0) Circular Holes, .512 (13.0) Diameter.
Max Entry
Code**
01
02
03
04
05
06
07
08
09
Shell
Size
A
08
10
12
14
16
18
20
22
24
TABLE II: SHELL SIZE
Shell
Size
F/L
08
10
12
14
16
18
20
22
24
H
09
11
13
15
17
19
21
23
25
Max Entry
Code**
00
01
02
03
04
05
06
07
08
APPLICATION NOTES
For effective grounding, connector with conductive finish should be used.
1.
Coupling nut supplied unplated.
2.
Metric dimensions (mm) are in parentheses and are for reference only.
3.
Connector Code H supplied with black coupling nut.
4.
Consult factory for additional entry sizes available.
5.
For angled part requirements, use in conjunction with Glenair 327-060 Extenders.
6.
See Table I in Intro for additional connector front-end dimensional details.
7.
Finish Symbol
(See Table III)
Connector Designator
A, F, L and H
Product Series
380 - EMI/RFI Non Environmental
Backshells with Strain Relief
380 H S 130 XM 15 - 01 SB
Angle and Profile
S - Straight
Basic Part
Number
Connector Shell Size
(See Table II)
Cable Entry
(See Table IV)
Strain Relief Style
SB - Shrink Boot Groove
SBT - Shrink Boot Groove
with boot supplied
(Omit for none)
TABLE III: FINISH
Symbol
Finish Description
XM
2000 Hour Corrosion Resistant
Electroless Nickel
XMT
2000 Hour Corrosion Resistant
Ni-PTFE, Nickel-Fluorocarbon
Polymer. 1000 Hour GreyTM
XW
2000 Hour Corrosion Resistant
Cadmium/Olive Drab over
Electroless Nickel
CONNECTOR DESIGNATOR:
A MIL-DTL-5015, -26482 Series II, and
-83723 Series I and III
F MIL-DTL-38999 Series I, II
L MIL-DTL-38999 Series 1.5 (JN1003)
H MIL-DTL-38999 Series III and IV
ROTATABLE COUPLING
1.300 +.02
(33.0 + 0.5)
F
E
G
D DIA
.390 (10.0)
Optional Shrink Boot Groove
Equally Spaced Holes to
Accommodate Knit Braid 107-044
Self-Locking Rotatable Coupling
(See Note 4)


Similar Part No. - 380FS130XM14

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380FS131XM08 GLENAIR-380FS131XM08 Datasheet
363Kb / 1P
   Composite Knit-Braid Style
380FS131XM10 GLENAIR-380FS131XM10 Datasheet
363Kb / 1P
   Composite Knit-Braid Style
380FS131XM12 GLENAIR-380FS131XM12 Datasheet
363Kb / 1P
   Composite Knit-Braid Style
380FS131XM14 GLENAIR-380FS131XM14 Datasheet
363Kb / 1P
   Composite Knit-Braid Style
380FS131XM16 GLENAIR-380FS131XM16 Datasheet
363Kb / 1P
   Composite Knit-Braid Style
More results

Similar Description - 380FS130XM14

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380FS131XM08 GLENAIR-380FS131XM08 Datasheet
363Kb / 1P
   Composite Knit-Braid Style
380FS132XM08 GLENAIR-380FS132XM08 Datasheet
356Kb / 1P
   Composite Knit-Braid Style EMI/RFI
107-044 GLENAIR-107-044 Datasheet
201Kb / 1P
   EMI/RFI Nickel Plated Copper Knit Braid
107004B12 GLENAIR-107004B12 Datasheet
201Kb / 1P
   EMI/RFI Nickel Plated Copper Knit Braid
103-026-004 GLENAIR-103-026-004 Datasheet
266Kb / 1P
   100% AmberStrand Composite Braid
103_026 GLENAIR-103_026 Datasheet
119Kb / 1P
   100% AmberStrand Composite Braid
103-027-004 GLENAIR-103-027-004 Datasheet
267Kb / 1P
   75% / 25% AmberStrand Composite / NiCu Braid
380AS099XM08 GLENAIR-380AS099XM08 Datasheet
363Kb / 2P
   Composite Cone and Ring Style
380AS100XM08 GLENAIR-380AS100XM08 Datasheet
315Kb / 2P
   Composite Cone and Ring Style
387HS083XM09 GLENAIR-387HS083XM09 Datasheet
313Kb / 2P
   Composite Multi-Shield Cone and Ring Style
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com