Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS125 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CLS125
Description  2 in 1 Inductor & 3 in 1 Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS125 Datasheet(HTML) 1 Page - Sumida Corporation

  CLS125 Datasheet HTML 1Page - Sumida Corporation CLS125 Datasheet HTML 2Page - Sumida Corporation CLS125 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Low profile, surface mount Inductor.
High efficiency/Small size for Up-Down Converter
.
Extended battery life cycle for Portable Equipment.
Storage temperature range: -40℃~+105℃
Operating temperature range: -40℃~+105℃ (including coil’s self-heat).
RoHS Compliance.
Applications
USB charger, Portable devices with Lithium battery etc.
2 in 1 Coils for high efficiency up-down DC-DC converters.
(SEPIC, Zeta, Cuk converter).
WLED Backlight Driver of LCD panel etc,.
2 in 1 Inductor &
2 in 1 Inductor &
2 in 1 Inductor &
2 in 1 Inductor &
3 in 1 Inductor
3 in 1 Inductor
3 in 1 Inductor
3 in 1 Inductor
(CLS series)
(CLS series)
(CLS series)
(CLS series)
Typical SEPIC schematic
Vin
Vout
L1
L2
C1
C2
D
Typical SEPIC + Flyback schematic
Vin
Vo2
L1
L2
C1
C3
D3
Vo1
C2
D2
L3
Q
Flyback
Converter
SEPIC
Converter


Similar Part No. - CLS125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS125 SUMIDA-CLS125 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
More results

Similar Description - CLS125

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D28B SUMIDA-CLS4D28B Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS6D23 SUMIDA-CLS6D23 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS6D18 SUMIDA-CLS6D18 Datasheet
39Kb / 1P
   Power Inductor&2 in 1 Power Transformer
CLS3D18 SUMIDA-CLS3D18 Datasheet
44Kb / 2P
   Power Inductor & 2 in 1 Power Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com