Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA2875G-.5H Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2875G-.5H
Description  SMD Single Output Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2875G-.5H Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2875G-.5H Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DSA2875G Rev.2 11/5/97
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
SMD Single Output Passive Delay Lines
Package Dimensions
*These two values are inter-dependent.
Recommended Operating
Conditions
Min
Max Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
1.2 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (20-80%)
2.0 nS
PRR
Pulse Repetition Rate
1.0 MHz
or 5 nS whichever is greater
Schematic
IMPEDANCE ±10%
TIME DELAY
nS
(Bi-directional)
1 ± 0.2
2 ± 0.2
3 ± 0.2
4 ± 0.2
5 ± 0.25
6 ± 0.3
7 ± 0.3
8 ± 0.3
9 ± 0.3
10 ± 0.3
0.5 ± 0.2
12 ± 0.35
13 ± 0.35
14 ± 0.35
15 ± 0.4
16 ± 0.4
16.5 ± 0.45
18 ± 0.45
19 ± 0.5
20 ± 0.5
11 ± 0.35
RISE TIME
20-80%
nS Max
1.6
1.6
1.7
1.7
1.8
2.0
2.2
2.4
2.6
2.8
1.5
3.2
3.4
3.6
3.8
4.0
4.1
4.5
4.8
5.1
3.0
DCR
Ohms
Max
0.20
0.25
0.35
0.45
0.55
0.70
0.80
0.85
0.90
0.95
0.20
1.05
1.15
1.45
1.60
1.75
1.80
1.85
1.90
1.95
1.00
EPA2875G-16.5H
55
EPA2875G-1H
EPA2875G-2H
EPA2875G-3H
EPA2875G-4H
EPA2875G-5H
EPA2875G-6H
EPA2875G-7H
EPA2875G-8H
EPA2875G-9H
EPA2875G-10H
EPA2875G-.5H
EPA2875G-12H
EPA2875G-13H
EPA2875G-14H
EEPA2875G-15H
EPA2875G-16H
EPA2875G-18H
EPA2875G-19H
EPA2875G-20H
EPA2875G-11H
93
EPA2875G-20 I
EPA2875G-1 I
EPA2875G-2 I
EPA2875G-3 I
EPA2875G-4 I
EPA2875G-5 I
EPA2875G-6 I
EPA2875G-7 I
EPA2875G-8 I
EPA2875G-9 I
EPA2875G-10 I
EPA2875G-.5 I
EPA2875G-12 I
EPA2875G-13I
EPA2875G-14 I
EPA2875G-15 I
EPA2875G-16 I
EPA2875G-16.5 I
EPA2875G-18 I
EPA2875G-19 I
EPA2875G-11 I
100
EPA2875G-1B
EPA2875G-2B
EPA2875G-3B
EPA2875G-4B
EPA2875G-5B
EPA2875G-6B
EPA2875G-7B
EPA2875G-8B
EPA2875G-9B
EPA2875G-10B
EPA2875G-.5B
EPA2875G-12B
EPA2875G-13B
EPA2875G-14B
EPA2875G-15B
EPA2875G-16B
EPA2875G-16.5B
EPA2875G-18B
EPA2875G-19B
EPA2875G-20B
EPA2875G-11B
Note : Other time delays and impedance are available upon request.
75
EPA2875G-20 G
EPA2875G-1G
EPA2875G-2G
EPA2875G-3G
EPA2875G-4G
EPA2875G-5G
EPA2875G-6G
EPA2875G-7G
EPA2875G-8 G
EPA2875G-9 G
EPA2875G-10G
EPA2875G-.5G
EPA2875G-12 G
EPA2875G-13 G
EPA2875G-14 G
EPA2875G-15 G
EPA2875G-16 G
EPA2875G-16.5 G
EPA2875G-18 G
EPA2875G-19 G
EPA2875G-11 G
4
1
8
5
PCA
EPA2875G-XX
Date Code
.300
.270
.470
.010
± .005
.018± .002
.370
.030
.190
.055
.030
.410
.300
Pad Layout


Similar Part No. - EPA2875G-.5H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA280-100 ETC1-EPA280-100 Datasheet
41Kb / 3P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EPA280-100 PCA-EPA280-100 Datasheet
20Kb / 1P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
EPA280-100 PCA-EPA280-100 Datasheet
20Kb / 1P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
logo
List of Unclassifed Man...
EPA280-11 ETC1-EPA280-11 Datasheet
41Kb / 3P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
logo
PCA ELECTRONICS INC.
EPA280-11 PCA-EPA280-11 Datasheet
20Kb / 1P
   SMD 14-Pin Triple TTL Compatible Active Delay Lines
More results

Similar Description - EPA2875G-.5H

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
P01-1NS-50RBW RCD-P01-1NS-50RBW Datasheet
163Kb / 1P
   PASSIVE SIP DELAY LINES, SINGLE OUTPUT
logo
Rhombus Industries Inc.
SIP8 RHOMBUS-IND-SIP8 Datasheet
27Kb / 1P
   High Performance Single Output SIP Passive Delay Lines
logo
Bel Fuse Inc.
S407-0000-00 BEL-S407-0000-00 Datasheet
44Kb / 1P
   SMD SINGLE OUTPUT PASSIVE DELAY MODULES
logo
PCA ELECTRONICS INC.
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
   SMD 28 Pin Passive Delay Lines
EPA087-10A PCA-EPA087-10A Datasheet
39Kb / 1P
   Passive Variable Delay Lines
EPA3252-2.5 PCA-EPA3252-2.5 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3252-XXX PCA-EPA3252-XXX_15 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3756G-5 PCA-EPA3756G-5 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EPA3756-XX PCA-EPA3756-XX_15 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
   Mini SIP Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com