Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA3252-50 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3252-50
Description  SMD 28 Pin Gull-Wing Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3252-50 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3252-50 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EPA3252-30
50
50
50
50
50
50
50
50
50
50
50
50
50
7
8
9
10
12
15
20
25
30
35
40
45
50
2 %
2 %
2 %
2 %
2 %
4 %
4 %
7 %
8 %
10 %
10 %
10 %
12 %
35
40
45
50
60
75
100
125
150
175
200
225
250
EPA3252-35
EPA3252-40
EPA3252-45
EPA3252-50
EPA3252-60
EPA3252-75
EPA3252-100
EPA3252-125
EPA3252-150
EPA3252-175
EPA3252-200
EPA3252-25
50
50
5
6
2 %
2 %
50
25
30
20
EPA3252-20
5
2 %
EPA3252-10
50
50
2.0
2.4
2 %
2 %
50
10
12
2.5
EPA3252-12
EPA3252-2.5
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
0.5
2 %
EPA3252-250
EPA3252-225
SMD 28 Pin Gull-Wing Passive Delay Lines
Schematic
DC Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
10 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR
Pulse Repetition Rate @ Td
≤ 150 nS
1.0 MHz
Pulse Repetition Rate @ Td > 150 nS
300 KHz
Recommended Operating
Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
0
70
°C
*These two values are inter-dependent.
DSA3252-XXX Rev. 1
1/11/01
QAF-CSO1a Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
Zo
Ohms
± 10%
Tap
Delays
nS
Atten.
DB%
Max.
Delay
nS ± 5%
or ± 2 nS
PCA
Part
Number
Gull-Wing
50
8
EPA3252-8
1.8
2 %
Rise
Time
nS
Max.
-----
17
12
18
17
27
26
OUT
GROUND
IN
18
SMD Gull-Wing Package
.165
.440
.475
.365
.055
.030
.045
Suggested Solder
Pad Layout
.020 X .010
Tin Plated Kovar
PCA
EPA3252-XXX
Date Code
.355
.050
.050
27
426
.465


Similar Part No. - EPA3252-50

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3252-50 PCA-EPA3252-50 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
More results

Similar Description - EPA3252-50

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3252-XXX PCA-EPA3252-XXX_15 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
   SMD 28 Pin Passive Delay Lines
EPA366-5 PCA-EPA366-5 Datasheet
22Kb / 1P
   SMD 14 Pin Gull-Wing Quad TTL Compatible Active Delay Modules
EPA366 PCA-EPA366_15 Datasheet
22Kb / 1P
   SMD 14 Pin Gull-Wing Quad TTL Compatible Active Delay Modules
EPA3756G-5 PCA-EPA3756G-5 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EPA3756-XX PCA-EPA3756-XX_15 Datasheet
23Kb / 1P
   14 Pin Auto-Insertable/SMD Passive Delay Lines
EPA059-20A PCA-EPA059-20A Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
EP6400 PCA-EP6400_15 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EP6400-1 PCA-EP6400-1 Datasheet
22Kb / 1P
   14 Pin DIP Passive Delay Lines
EPA059-060-061 PCA-EPA059-060-061_15 Datasheet
39Kb / 1P
   24 Pin DIP Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com