Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK71527ASCL Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK71527ASCL
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK71527ASCL Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK71527ASCL Datasheet HTML 3Page - TOKO, Inc TK71527ASCL Datasheet HTML 4Page - TOKO, Inc TK71527ASCL Datasheet HTML 5Page - TOKO, Inc TK71527ASCL Datasheet HTML 6Page - TOKO, Inc TK71527ASCL Datasheet HTML 7Page - TOKO, Inc TK71527ASCL Datasheet HTML 8Page - TOKO, Inc TK71527ASCL Datasheet HTML 9Page - TOKO, Inc TK71527ASCL Datasheet HTML 10Page - TOKO, Inc TK71527ASCL Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
March 2001 TOKO, Inc.
Page 7
TK715xxAS
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.
Output Noise
Load & Line Response
CL
1.0 µF
2.2 µF
4.7 µF
10 µF
VOUT
VIN
0.1 µF
GND
(TANTALUM)
715xxA
OUTPUT NOISE CIRCUIT
Note: To improve the load and line transient response, increase the value of the output capacitor.
100
250
NOISE LEVEL (TK71530A) VS.
OUTPUT CURRENT
IOUT (mA)
50
1.0
5.0
10
200
150
0
BW = 400 Hz~80 KHz
CL = 10 µF
CL = 4.7 µF
CL = 2.2 µF
CL = 1 µF
LINE VOLTAGE STEP RESPONSE
I
OUT
= 10mA
VIN
VOUT
VOUT + 2V
VOUT + 1V
50 mV/DIV
CL = 1.0 µF
25
µS/DIV
LOAD CURRENT
STEP RESPONSE
IOUT
VOUT
50 mA
50 mV/DIV
5 mA
CL = 1.0 µF
25
µS/DIV


Similar Part No. - TK71527ASCL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK71527 TOKO-TK71527 Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71527S TOKO-TK71527S Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71527SCL TOKO-TK71527SCL Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
TK71527SCL/27 TOKO-TK71527SCL/27 Datasheet
76Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TK71527ASCL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com