Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2711TB Datasheet(PDF) 2 Page - NEC

Part # UPC2711TB
Description  5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2711TB Datasheet(HTML) 2 Page - NEC

  UPC2711TB_1 Datasheet HTML 1Page - NEC UPC2711TB_1 Datasheet HTML 2Page - NEC UPC2711TB_1 Datasheet HTML 3Page - NEC UPC2711TB_1 Datasheet HTML 4Page - NEC UPC2711TB_1 Datasheet HTML 5Page - NEC UPC2711TB_1 Datasheet HTML 6Page - NEC UPC2711TB_1 Datasheet HTML 7Page - NEC UPC2711TB_1 Datasheet HTML 8Page - NEC UPC2711TB_1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet P11510EJ3V0DS00
2
µµµµPC2711TB, µµµµPC2712TB
PIN CONNECTIONS
Pin No.
Pin Name
1
INPUT
2GND
3GND
4OUTPUT
5GND
6VCC
PRODUCT LINE-UP OF 5V-BIAS SILICON MMIC WIDEBAND AMPLIFIERS
(TA = +25
°°°°C, VCC = 5.0 V, ZS = ZL = 50 Ω
Ω)
Part No.
fu (GHz)
PO(sat) (dBm)
GP (dB)
NF (dB)
ICC (mA)
Package
Marking
µPC2711T
6-pin minimold
µPC2711TB
2.9
+1
13
5.0
12
6-pin super minimold
C1G
µPC2712T
6-pin minimold
µPC2712TB
2.6
+3
20
4.5
12
6-pin super minimold
C1H
µPC2713T
1.2
+7.0
29
3.2
@f = 0.5 GHz
12
6-pin minimold
C1J
µPC2791TB
1.9
+4.0
12
5.5
@f = 0.5 GHz
17
6-pin super minimold
C2S
µPC2792TB
1.2
+5.0
20
3.5
@f = 0.5 GHz
19
C2T
µPC3215TB
2.9
+3.5
20.5
2.3
@f = 1.5 GHz
14
C3H
Remark
Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Caution
The package size distinguish between minimold and super minimold.
3
2
1
4
5
6
(Top View)
4
5
6
3
2
1
(Bottom View)
Marking is an example of
PC2711TB
µ


Similar Part No. - UPC2711TB_1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2711TB-E3 NEC-UPC2711TB-E3 Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB-E3 CEL-UPC2711TB-E3 Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB-E3-A CEL-UPC2711TB-E3-A Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2711TB_1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com