Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA3368G-250 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3368G-250
Description  14 Pin DIP and SMD 5 Tap Low-Profile Fast Logic TTL Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3368G-250 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3368G-250 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14 Pin DIP and SMD 5 Tap Low-Profile Fast Logic TTL
Compatible Active Delay Lines
Delays are ±5% or ±2 nS†
Tap
5, 10, 15, 20
6, 12, 18, 24
7, 14, 21, 28
8, 16, 24, 32
9, 18, 27, 36
10, 20, 30, 40
12, 24, 36, 48
15, 30, 45, 60
20, 40, 60, 80
25, 50, 75, 100
30, 60, 90, 120
35, 70, 105, 140
Total
25
30
35
40
45
50
60
75
100
125
150
175
DIP Part
Number
EPA3368-25
EPA3368-30
EPA3368-35
EPA3368-40
EPA3368-45
EPA3368-50
EPA3368-60
EPA3368-75
EPA3368-100
EPA3368-125
EPA3368-150
EPA3368-175
SMD Part
Number
EPA3368G-25
EPA3368G-30
EPA3368G-35
EPA3368G-40
EPA3368G-45
EPA3368G-50
EPA3368G-60
EPA3368G-75
EPA3368G-100
EPA3368G-125
EPA3368G-150
EPA3368G-175
Delays are ±5% or ±2 nS†
Tap
40, 80, 120, 160
45, 90, 135, 180
50, 100, 150, 200
60, 120, 180, 240
70, 140, 210, 280
80, 160, 240, 320
84, 168, 252, 336
88, 176, 264, 352
90, 180, 270, 360
84, 188, 282, 376
100, 200, 300, 400
Total
200
225
250
300
350
400
420
440
450
470
500
DIP Part
Number
EPA3368-200
EPA3368-225
EPA3368-250
EPA3368-300
EPA3368-350
EPA3368-400
EPA3368-420
EPA3368-440
EPA3368-450
EPA3368-470
EPA3368-500
SMD Part
Number
EPA3368G-200
EPA3368G-225
EPA3368G-250
EPA3368G-300
EPA3368G-350
EPA3368G-400
EPA3368G-420
EPA3368G-440
EPA3368G-450
EPA3368G-470
EPA3368G-500
Whichever is greater.
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
Compatible with standard auto-insertable equipment and can be used in either infrared or vapor phase process.
Schematic
VOH High-Level Output Voltage
VCC= Min. VIL= Max. IOH = Max. 2.7
V
VOL
Low-Level Output Voltage
VCC= Min. VIH = Min. I OL= Max.
0.5
V
VIK
Input Clamp Voltage
VCC= Min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= Max. VIN = 2.7V
20
µA
IIL
Low-Level Input Current
VCC= Max. VIN = 0.5V
-0.6
mA
IOS
Short Circuit Output Current
VCC= Max. VOUT = 0.
-80
-150
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= Max. VIN = OPEN
25
mA
ICCL Low-Level Supply Current
VCC= Max. VIN = 0
40
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
4
nS
Td > 500 nS
5
nS
NH
Fanout High-Level Output
VCC= Max. VOH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= Max. VOL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min. Max. Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
20
%
d*
Duty Cycle
50
%
TA
Operating Free-Air Temperature
0
+70
°C
Recommended
Operating Conditions
Min.
Max.
Unit
*These two values are inter-dependent.
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
DSA3368G-XX & DSA3368-XX
Rev. - 3/18/97
QAF-CSO1 Rev. B 8/25/94
DIP Package
SMD Package
12
4
10
6
8
1
7
OUTPUT
GROUND
INPUT
14
VCC
.365
Max.
.010
Typ.
.280
Max.
PCA
EPA3368-XX
Date Code
Pin 1
I.D.
.100
.300
.200
.780 Max.
.125 ± .01
.020
Min.
.200
Max.
.020
Typ.
.100
Typ.
.770
.155
.010
± .005
.019
± .002
.420
.055
.300
.030
Suggested Solder
Pad Layout
.200
.270
.200
Typ.
.300
Typ.
PCA
EPA3368G-XX
Date Code
.085
Typ.
.035
.380
0°-8°
.010
Typ.
Pin 1
I.D.


Similar Part No. - EPA3368G-250

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3368G-250 PCA-EPA3368G-250 Datasheet
25Kb / 1P
   14 Pin DIP and SMD 5 Tap Low-Profile Fast Logic TTL Compatible Active Delay Lines
More results

Similar Description - EPA3368G-250

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3368 PCA-EPA3368_15 Datasheet
25Kb / 1P
   14 Pin DIP and SMD 5 Tap Low-Profile Fast Logic TTL Compatible Active Delay Lines
EPA1145-4 PCA-EPA1145-4 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1145 PCA-EPA1145_15 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EP93XX PCA-EP93XX_15 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP8200-HL PCA-EP8200-HL Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EP9300 PCA-EP9300 Datasheet
43Kb / 1P
   14 Pin DIP 5 Tap Low-Profile TTL Compatible Active Delay Lines
EP82XX-HL PCA-EP82XX-HL_15 Datasheet
21Kb / 1P
   14 Pin DIP 5 Tap Low Profile TTL Compatible Active Delay Lines
EPA1140F-25 PCA-EPA1140F-25 Datasheet
22Kb / 1P
   SMD 8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA770 PCA-EPA770_15 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA770-4 PCA-EPA770-4 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com