Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2712TB Datasheet(PDF) 5 Page - NEC

Part # UPC2712TB
Description  5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2712TB Datasheet(HTML) 5 Page - NEC

  UPC2712TB Datasheet HTML 1Page - NEC UPC2712TB Datasheet HTML 2Page - NEC UPC2712TB Datasheet HTML 3Page - NEC UPC2712TB Datasheet HTML 4Page - NEC UPC2712TB Datasheet HTML 5Page - NEC UPC2712TB Datasheet HTML 6Page - NEC UPC2712TB Datasheet HTML 7Page - NEC UPC2712TB Datasheet HTML 8Page - NEC UPC2712TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet P11510EJ3V0DS00
5
µµµµPC2711TB, µµµµPC2712TB
TEST CIRCUIT
50
IN
C1
1
6
4
2, 3, 5
C3
1 000 pF
VCC
C2
1 000 pF
50
OUT
1 000 pF
EXAMPLE OF APPLICATION CIRCUIT
50
IN
C1
1
6
4
2, 3, 5
C3
1 000 pF
VCC
C4
1 000 pF
C5
1
6
4
2, 3, 5
C6
1 000 pF
C2
1 000 pF
50
OUT
1 000 pF
1 000 pF
R1
50 to 200
To stabilize operation,
please connect R1, C5
The application circuits and their parameters are for references only and are not intended for use in actual design-ins.
CAPACITORS FOR VCC, INPUT AND OUTPUT PINS
1 000 pF capacitors are recommendable as bypass capacitor for VCC pin and coupling capacitors for input/output
pins.
Bypass capacitor for VCC pin is intended to minimize VCC pin’s ground impedance. Therefore, stable bias can be
supplied against VCC fluctuation.
Coupling capacitors for input/output pins are intended to minimize RF serial impedance and cut DC.
To get flat gain from 100 MHz up, 1 000 pF capacitors are assembled on the test circuit. [Actually, 1 000 pF
capacitors give flat gain at least 10 MHz. In the case of under 10 MHz operation, increase the value of coupling
capacitor such as 2 200 pF. Because the coupling capacitors are determined by the equation of C = 1/(2
π fZs).]


Similar Part No. - UPC2712TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2712TB NEC-UPC2712TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2712TB CEL-UPC2712TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2712TB CEL-UPC2712TB Datasheet
416Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC2712TB RENESAS-UPC2712TB Datasheet
334Kb / 21P
   3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
logo
NEC
UPC2712TB-E3 NEC-UPC2712TB-E3 Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC2712TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3210TB NEC-UPC3210TB Datasheet
87Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC2711TB NEC-UPC2711TB Datasheet
66Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2791TB CEL-UPC2791TB Datasheet
225Kb / 4P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC3215TB NEC-UPC3215TB Datasheet
68Kb / 8P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
UPC3215TB NEC-UPC3215TB_1 Datasheet
100Kb / 16P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2711TB CEL-UPC2711TB Datasheet
334Kb / 10P
   5 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
NEC
UPC2791TB NEC-UPC2791TB Datasheet
114Kb / 9P
   5 V, SUPER MINIMOLD SILICON MMIC VHF-UHF WIDEBAND AMPLIFIER
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2745TB CEL-UPC2745TB Datasheet
258Kb / 9P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
   3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com