Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA3643-0.5 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA3643-0.5
Description  7 Pin Single-in-Line Passive Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA3643-0.5 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA3643-0.5 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Delay
nS
Max.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Delay
Tol.
nS
+0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
Rise
Time
nS Max.
(Calculated)
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
DCR
Max.
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
7 Pin Single-in-Line Passive Delay Lines
Delay
nS
Max.
9.0
9.5
10.0
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
25.0
30.0
35.0
40.0
45.0
Delay
Tol.
nS
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.25
±0.50
±0.50
±0.50
±0.50
±0.50
±1.0
DCR
Max.
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.0
2.5
2.5
2.5
2.5
2.5
4.0
4.5
5.5
6.0
6.5
Package Dimensions
Schematic
DC Electrical Characteristics
Min
Max
Unit
Distortion
±10
%
Temperature Coefficient of Delay
100
PPM/°C
Insulation Resistance @ 100 Vdc
1K
Meg Ohms
Dielectric Strength
100
Vdc
Input Pulse Test Conditions @ 25°C
VIN
Pulse Input Voltage
5 Volts
PW
Pulse Width % of Total Delay
300 %
TRI
Input Rise Time (10 - 90%)
2.0 nS
PRR
Pulse Repetition Rate @ Td
≤ 150 nS
1.0 MHz
Pulse Repetition Rate @ Td > 150 nS
300 KHz
Recommended Operating
Conditions
Min
Max
Unit
PW*
Pulse Width % of Total Delay
200
%
D*
Duty Cycle
40
%
TA
Operating Free Air Temperature
-40
+85
°C
*These two values are inter-dependent.
EPA3643-0.0 *(Z)
EPA3643-0.5 *(Z)
EPA3643-1.0 *(Z)
EPA3643-1.5 *(Z)
EPA3643-2.0 *(Z)
EPA3643-2.5 *(Z)
EPA3643-3.0 *(Z)
EPA3643-3.5 *(Z)
EPA3643-4.0 *(Z)
EPA3643-4.5 *(Z)
EPA3643-5.0 *(Z)
EPA3643-5.5 *(Z)
EPA3643-6.0 *(Z)
EPA3643-6.5 *(Z)
EPA3643-7.0 *(Z)
EPA3643-7.5 *(Z)
EPA3643-8.0 *(Z)
EPA3643-8.5 *(Z)
PCA
Part
Number
1.9
2.0
2.0
2.2
2.3
2.5
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.5
5.5
6.4
7.4
8.0
Rise
Time
nS Max.
(Calculated)
EPA3643-9.0 *(Z)
EPA3643-9.5 *(Z)
EPA3643-10 *(Z)
EPA3643-11 *(Z)
EPA3643-12 *(Z)
EPA3643-13 *(Z)
EPA3643-14 *(Z)
EPA3643-15 *(Z)
EPA3643-16 *(Z)
EPA3643-17 *(Z)
EPA3643-18 *(Z)
EPA3643-19 *(Z)
EPA3643-20 *(Z)
EPA3643-25 *(Z)
EPA3643-30 *(Z)
EPA3643-35 *(Z)
EPA3643-40 *(Z)
EPA3643-45 *(Z)
PCA
Part
Number
DSD3643-XX(Z) Rev. 2 5/12/00
QAF-CSO1 Rev. B 8/25/94
Unless Otherwise Noted Dimensions in Inches
Tolerances:
Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
E L E C T R O N I C S
I N C .
Note : *(Z) indicates Zo
Ω ± 10% ; *(A) = 50 Ω *(B) = 100 Ω *(C) = 200 Ω *(F) = 75 Ω *(H) = 55 Ω *(K) = 62 Ω *(L) = 250 Ω
2
GROUND
7
1
IN/OUT
IN/OUT
6
.020
Typ.
.800 ± .010
.100 Typ.
.120 Min.
.020
Typ.
.250 Max.
PCA
EPA3643-XX(Z)
Date Code
.200
Max
.
.010
Typ.
.125
Typ.
.400


Similar Part No. - EPA3643-0.5

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3607J PCA-EPA3607J Datasheet
39Kb / 1P
   Common Mode Choke
EPA3608 PCA-EPA3608 Datasheet
49Kb / 1P
   Self-Leaded SM Inductor
EPA3610J PCA-EPA3610J Datasheet
18Kb / 1P
   Common Mode Choke
EPA3610J-RC PCA-EPA3610J-RC Datasheet
18Kb / 1P
   Common Mode Choke
EPA3612 PCA-EPA3612 Datasheet
44Kb / 1P
   Power Transformer
More results

Similar Description - EPA3643-0.5

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP1206XX PCA-EP1206XX_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP120650 PCA-EP120650 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EPA572-5A PCA-EPA572-5A Datasheet
15Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EPA572 PCA-EPA572_15 Datasheet
19Kb / 1P
   7 Pin Single-in-Line Package Passive Delay Lines
EP123101 PCA-EP123101 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
EP9793-0.0 PCA-EP9793-0.0 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP9793-XX PCA-EP9793-XX_15 Datasheet
38Kb / 1P
   8 Pin Single-in-Line Passive Delay Lines
EP123XXX PCA-EP123XXX_15 Datasheet
18Kb / 1P
   8 Pin Single-in Line Passive Delay Lines
EP6700 PCA-EP6700_15 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
EP6700-1 PCA-EP6700-1 Datasheet
24Kb / 1P
   14 Pin Single-in-Line Package Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com