Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2179TB Datasheet(PDF) 11 Page - NEC

Part # UPG2179TB
Description  L, S-BAND SPDT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2179TB Datasheet(HTML) 11 Page - NEC

Back Button UPG2179TB_1 Datasheet HTML 3Page - NEC UPG2179TB_1 Datasheet HTML 4Page - NEC UPG2179TB_1 Datasheet HTML 5Page - NEC UPG2179TB_1 Datasheet HTML 6Page - NEC UPG2179TB_1 Datasheet HTML 7Page - NEC UPG2179TB_1 Datasheet HTML 8Page - NEC UPG2179TB_1 Datasheet HTML 9Page - NEC UPG2179TB_1 Datasheet HTML 10Page - NEC UPG2179TB_1 Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Caution
GaAs Products
This product uses gallium arsenide (GaAs).
GaAs vapor and powder are hazardous to human health if inhaled or ingested, so please observe
the following points.
• Follow related laws and ordinances when disposing of the product. If there are no applicable laws
and/or ordinances, dispose of the product as recommended below.
1. Commission a disposal company able to (with a license to) collect, transport and dispose of
materials that contain arsenic and other such industrial waste materials.
2. Exclude the product from general industrial waste and household garbage, and ensure that the
product is controlled (as industrial waste subject to special control) up until final disposal.
• Do not burn, destroy, cut, crush, or chemically dissolve the product.
• Do not lick the product or in any way allow it to enter the mouth.
NEC Compound Semiconductor Devices Hong Kong Limited
E-mail: ncsd-hk@elhk.nec.com.hk (sales, technical and general)
Hong Kong Head Office
Taipei Branch Office
Korea Branch Office
TEL: +852-3107-7303
TEL: +886-2-8712-0478
TEL: +82-2-558-2120
FAX: +852-3107-7309
FAX: +886-2-2545-3859
FAX: +82-2-558-5209
NEC Electronics (Europe) GmbH
http://www.ee.nec.de/
TEL: +49-211-6503-0 FAX: +49-211-6503-1327
California Eastern Laboratories, Inc.
http://www.cel.com/
TEL: +1-408-988-3500 FAX: +1-408-988-0279
0401
NEC Compound Semiconductor Devices, Ltd.
http://www.ncsd.necel.com/
E-mail: salesinfo@ml.ncsd.necel.com (sales and general)
techinfo@ml.ncsd.necel.com (technical)
5th Sales Group, Sales Division TEL: +81-44-435-1588 FAX: +81-44-435-1579
For further information, please contact
µPG2179TB


Similar Part No. - UPG2179TB_1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2179TB-E4 RENESAS-UPG2179TB-E4 Datasheet
298Kb / 13P
   GaAs INTEGRATED CIRCUIT
2004
logo
NEC
UPG2179TB-E4-A NEC-UPG2179TB-E4-A Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
More results

Similar Description - UPG2179TB_1

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com