Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2179TB Datasheet(PDF) 6 Page - NEC

Part # UPG2179TB
Description  L, S-BAND SPDT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2179TB Datasheet(HTML) 6 Page - NEC

Back Button UPG2179TB Datasheet HTML 2Page - NEC UPG2179TB Datasheet HTML 3Page - NEC UPG2179TB Datasheet HTML 4Page - NEC UPG2179TB Datasheet HTML 5Page - NEC UPG2179TB Datasheet HTML 6Page - NEC UPG2179TB Datasheet HTML 7Page - NEC UPG2179TB Datasheet HTML 8Page - NEC UPG2179TB Datasheet HTML 9Page - NEC UPG2179TB Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TYPICAL CHARACTERISTICS
(TA = +25
°C, Vcont (H) = 3.0 V, Vcont (L) = 0 V, DC cut capacitors = 100 pF, unless otherwise specified)
0.5
0.4
0.2
0.3
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
Frequency f (GHz)
INSERTION LOSS vs. FREQUENCY
INPUT–OUTPUT1
50
40
30
–10
20
10
0
–30
–20
–40
–50
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
Frequency f (GHz)
ISOLATION vs. FREQUENCY
INPUT–OUTPUT1
50
10
20
30
40
–10
0
–30
–20
–40
–50
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
Frequency f (GHz)
INPUT RETURN LOSS vs. FREQUENCY
INPUT–OUTPUT1
50
10
20
30
40
–10
0
–30
–20
–40
–50
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
Frequency f (GHz)
ISOLATION vs. FREQUENCY
INPUT–OUTPUT2
50
10
20
30
40
–10
0
–30
–20
–40
–50
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
Frequency f (GHz)
INPUT RETURN LOSS vs. FREQUENCY
INPUT–OUTPUT2
0.5
0.4
0.3
0.2
0
0.1
–0.1
–0.2
–0.3
–0.4
–0.5
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5
Frequency f (GHz)
INSERTION LOSS vs. FREQUENCY
INPUT–OUTPUT2
Remark The graphs indicate nominal characteristics.
Data Sheet PG10454EJ02V0DS
6
µPG2179TB


Similar Part No. - UPG2179TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2179TB RENESAS-UPG2179TB Datasheet
298Kb / 13P
   GaAs INTEGRATED CIRCUIT
2004
UPG2179TB-E4 RENESAS-UPG2179TB-E4 Datasheet
298Kb / 13P
   GaAs INTEGRATED CIRCUIT
2004
logo
NEC
UPG2179TB-E4-A NEC-UPG2179TB-E4-A Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
More results

Similar Description - UPG2179TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com