Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2214TK-E2 Datasheet(PDF) 4 Page - NEC

Part # UPG2214TK-E2
Description  L, S-BAND SPDT SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2214TK-E2 Datasheet(HTML) 4 Page - NEC

  UPG2214TK-E2 Datasheet HTML 1Page - NEC UPG2214TK-E2 Datasheet HTML 2Page - NEC UPG2214TK-E2 Datasheet HTML 3Page - NEC UPG2214TK-E2 Datasheet HTML 4Page - NEC UPG2214TK-E2 Datasheet HTML 5Page - NEC UPG2214TK-E2 Datasheet HTML 6Page - NEC UPG2214TK-E2 Datasheet HTML 7Page - NEC UPG2214TK-E2 Datasheet HTML 8Page - NEC UPG2214TK-E2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, Vcont (H) = 1.8 V, Vcont (L) = 0 V, DC cut capacitors = 100 pF, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss 6
Lins6
f = 0.05 to 0.5 GHz
Note 1
0.25
0.50
dB
Insertion Loss 7
Lins7
f = 0.5 to 1.0 GHz
0.25
0.50
dB
Insertion Loss 8
Lins8
f = 1.0 to 2.0 GHz
0.30
0.55
dB
Insertion Loss 9
Lins9
f = 2.0 to 2.5 GHz
0.35
0.60
dB
Insertion Loss 10
Lins10
f = 2.5 to 3.0 GHz
0.35
0.65
dB
Isolation 6
ISL6
f = 0.05 to 0.5 GHz
Note 1
27
30
dB
Isolation 7
ISL7
f = 0.5 to 2.0 GHz
23
27
dB
Isolation 8
ISL8
f = 2.0 to 2.5 GHz
21
25
dB
Isolation 9
ISL9
f = 2.5 to 3.0 GHz
20
24
dB
Input Return Loss 3
RLin3
f = 0.05 to 3.0 GHz
Note 1
15
20
dB
Output Return Loss 3
RLout3
f = 0.05 to 3.0 GHz
Note 1
15
20
dB
f = 2.0/2.5 GHz
+14.0
+17.0
dBm
0.1 dB Loss Compression
Input Power
Note 2
Pin (0.1 dB)
f = 0.5 to 3.0 GHz
+17.0
dBm
1 dB Loss Compression
Input Power
Note 3
Pin (1 dB)
f = 0.5 to 3.0 GHz
+20.0
dBm
Switch Control Current
Icont
4
20
µA
Switch Control Speed
tSW
50% CTL to 90/10% RF
20
200
ns
Notes 1. DC cut capacitors = 1 000 pF at f = 0.05 to 0.5 GHz
2. Pin (0.1 dB) is measured the input power level when the insertion loss increases more 0.1 dB than that of
linear range.
3. Pin (1 dB) is measured the input power level when the insertion loss increases more 1 dB than that of linear
range.
Caution This device is used it is necessary to use DC cut capacitors.
The value of DC cut capacitors should be chosen to accommodate the frequency of operation,
bandwidth, switching speed and the condition with actual board of your system. The range of
recommended DC cut capacitor value is less than 100 pF.
Data Sheet PG10475EJ04V0DS
4
µPG2214TK


Similar Part No. - UPG2214TK-E2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2214TK-E2 CEL-UPG2214TK-E2 Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2214TK-E2 RENESAS-UPG2214TK-E2 Datasheet
213Kb / 15P
   GaAs INTEGRATED CIRCUIT
2004
logo
California Eastern Labs
UPG2214TK-E2-A CEL-UPG2214TK-E2-A Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
More results

Similar Description - UPG2214TK-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB_1 Datasheet
76Kb / 11P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com