Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2214TK-E2 Datasheet(PDF) 5 Page - NEC

Part # UPG2214TK-E2
Description  L, S-BAND SPDT SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2214TK-E2 Datasheet(HTML) 5 Page - NEC

  UPG2214TK-E2 Datasheet HTML 1Page - NEC UPG2214TK-E2 Datasheet HTML 2Page - NEC UPG2214TK-E2 Datasheet HTML 3Page - NEC UPG2214TK-E2 Datasheet HTML 4Page - NEC UPG2214TK-E2 Datasheet HTML 5Page - NEC UPG2214TK-E2 Datasheet HTML 6Page - NEC UPG2214TK-E2 Datasheet HTML 7Page - NEC UPG2214TK-E2 Datasheet HTML 8Page - NEC UPG2214TK-E2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EVALUATION CIRCUIT
Vcont1
Vcont2
OUTPUT1
OUTPUT2
INPUT
C0
Note
C0
C0
1 000 pF
1 000 pF
4
5
6
3
2
1
Note C0 : 0.05 to 0.5 GHz 1 000 pF
: 0.5 to 3.0 GHz 100 pF
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
Data Sheet PG10475EJ04V0DS
5
µPG2214TK


Similar Part No. - UPG2214TK-E2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2214TK-E2 CEL-UPG2214TK-E2 Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
Renesas Technology Corp
UPG2214TK-E2 RENESAS-UPG2214TK-E2 Datasheet
213Kb / 15P
   GaAs INTEGRATED CIRCUIT
2004
logo
California Eastern Labs
UPG2214TK-E2-A CEL-UPG2214TK-E2-A Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
More results

Similar Description - UPG2214TK-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB_1 Datasheet
76Kb / 11P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com