Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2054K Datasheet(PDF) 9 Page - NEC

Part # UPG2054K
Description  GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2054K Datasheet(HTML) 9 Page - NEC

Back Button UPG2054K Datasheet HTML 5Page - NEC UPG2054K Datasheet HTML 6Page - NEC UPG2054K Datasheet HTML 7Page - NEC UPG2054K Datasheet HTML 8Page - NEC UPG2054K Datasheet HTML 9Page - NEC UPG2054K Datasheet HTML 10Page - NEC UPG2054K Datasheet HTML 11Page - NEC UPG2054K Datasheet HTML 12Page - NEC UPG2054K Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
0
–5
–15
–25
–30
–40
AA
ON CHANNEL MODE
OUTPUT RETURN LOSS (WORSE CASE)
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 0.95 GHz
–10
–20
–35
0
–5
–15
–25
–30
–40
AA
ON CHANNEL MODE
OUTPUT RETURN LOSS (WORSE CASE)
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 1.5 GHz
–10
–20
–35
0
–5
–15
–25
–30
–40
AA
ON CHANNEL MODE
OUTPUT RETURN LOSS (WORSE CASE)
vs. ON CHANNEL MODE
AB AC AD BA BB BC BD CA CB CC CD DA DB DC DD
f = 2.15 GHz
–10
–20
–35
–3.0
–5.0
–7.0
–9.0
Operating Ambient Temperature TA (
°C)
INSERTION LOSS vs.
OPERATING AMBIENT TEMPERATURE
–40
°C
+25
°C
+85
°C
f = 0.95 GHz
–4.0
–6.0
–8.0
–3.0
–5.0
–7.0
–9.0
Operating Ambient Temperature TA (
°C)
INSERTION LOSS vs.
OPERATING AMBIENT TEMPERATURE
–40
°C
+25
°C
+85
°C
f = 1.5 GHz
–4.0
–6.0
–8.0
–3.0
–5.0
–7.0
–9.0
Operating Ambient Temperature TA (
°C)
INSERTION LOSS vs.
OPERATING AMBIENT TEMPERATURE
–40
°C
+25
°C
+85
°C
f = 2.15 GHz
–4.0
–6.0
–8.0
Remark The graphs indicate nominal characteristics.
Data Sheet PG10550EJ01V0DS
9
µPG2054K


Similar Part No. - UPG2054K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2054K RENESAS-UPG2054K Datasheet
298Kb / 16P
   GaAs INTEGRATED CIRCUIT
2004
UPG2054K-E3 RENESAS-UPG2054K-E3 Datasheet
298Kb / 16P
   GaAs INTEGRATED CIRCUIT
2004
UPG2054K-E3-A RENESAS-UPG2054K-E3-A Datasheet
298Kb / 16P
   GaAs INTEGRATED CIRCUIT
2004
More results

Similar Description - UPG2054K

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2053K NEC-UPG2053K Datasheet
104Kb / 12P
   GaAs MMIC DBS 4 x 2 IF SWITCH MATRIX
logo
California Eastern Labs
UPG181GR CEL-UPG181GR Datasheet
148Kb / 4P
   GaAs MMIC DBS TWIN IF SWITCH
logo
NEC
UPG183GR NEC-UPG183GR Datasheet
55Kb / 3P
   GaAs MMIC DBS 4X2 IF SWITCH
UPG181GR NEC-UPG181GR Datasheet
56Kb / 12P
   GaAs MMIC DBS Twin IF Switch
logo
California Eastern Labs
UPG183GR CEL-UPG183GR Datasheet
160Kb / 4P
   GaAs MMIC DBS 4X2 IF SWITCH
logo
NEC
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
NEC
UPD5715GR NEC-UPD5715GR Datasheet
284Kb / 14P
   CMOS MMIC 4 x 2 IF SWITCH MATRIX
UPG2050GR NEC-UPG2050GR Datasheet
23Kb / 2P
   GaAs MMIC DBS TWIN IF SWITCH AMLIFIER
logo
Skyworks Solutions Inc.
AS212-93 SKYWORKS-AS212-93 Datasheet
646Kb / 4P
   GaAs IC 4 x 2 Switch Matrix 0.7-3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com