Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2155TB-E4 Datasheet(PDF) 3 Page - NEC

Part # UPG2155TB-E4
Description  L-BAND 4 W HIGH POWER SPDT SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2155TB-E4 Datasheet(HTML) 3 Page - NEC

  UPG2155TB-E4 Datasheet HTML 1Page - NEC UPG2155TB-E4 Datasheet HTML 2Page - NEC UPG2155TB-E4 Datasheet HTML 3Page - NEC UPG2155TB-E4 Datasheet HTML 4Page - NEC UPG2155TB-E4 Datasheet HTML 5Page - NEC UPG2155TB-E4 Datasheet HTML 6Page - NEC UPG2155TB-E4 Datasheet HTML 7Page - NEC UPG2155TB-E4 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet PG10583EJ02V0DS
3
μPG2155TB
ELECTRICAL CHARACTERISTICS (TA = +25
°C, Vcont = +2.6 V/0 V, ZO = 50 Ω, off chip DC blocking
capacitors value: 56 pF, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss
LINS
f = 0.5 to 1.0 GHz
0.35
0.45
dB
f = 1.0 to 2.0 GHz
0.40
0.50
dB
f = 2.0 to 2.5 GHz
0.45
0.55
dB
Isolation
ISL
f = 0.5 to 1.0 GHz
22
24
dB
f = 1.0 to 2.0 GHz
17
19
dB
f = 2.0 to 2.5 GHz
15
17
dB
Input Return Loss
RLin
f = 0.5 to 2.5 GHz
15
20
dB
Output Return Loss
RLout
f = 0.5 to 2.5 GHz
15
20
dB
0.1 dB Loss Compression
Pin (0.1 dB)
f = 0.9 GHz
37.5
dBm
Input Power
f = 1.8 GHz
37.5
dBm
2nd Harmonics
2f0
f = 0.9 GHz, Pin = +34.5 dBm
65
70
dBc
f = 1.8 GHz, Pin = +31.5 dBm
64
70
dBc
3rd Harmonics
3f0
f = 0.9 GHz, Pin = +34.5 dBm
65
75
dBc
f = 1.8 GHz, Pin = +31.5 dBm
64
75
dBc
Switching Speed
tsw
1
5
μs
Control Current
Icont
RF Non
0.5
5.0
μA
<R>
<R>
<R>


Similar Part No. - UPG2155TB-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2155TB-E4 CEL-UPG2155TB-E4 Datasheet
309Kb / 7P
   NEC?셲 L-BAND 4 W HIGH POWER SPDT SWITCH
logo
Renesas Technology Corp
UPG2155TB-E4 RENESAS-UPG2155TB-E4 Datasheet
194Kb / 10P
   GaAs INTEGRATED CIRCUIT
2008
logo
California Eastern Labs
UPG2155TB-E4-A CEL-UPG2155TB-E4-A Datasheet
309Kb / 7P
   NEC?셲 L-BAND 4 W HIGH POWER SPDT SWITCH
logo
Renesas Technology Corp
UPG2155TB-E4-A RENESAS-UPG2155TB-E4-A Datasheet
194Kb / 10P
   GaAs INTEGRATED CIRCUIT
2008
More results

Similar Description - UPG2155TB-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2155TB CEL-UPG2155TB_09 Datasheet
184Kb / 7P
   L-BAND 4 W HIGH POWER SPDT SWITCH
logo
NEC
UPG2156TB NEC-UPG2156TB Datasheet
97Kb / 8P
   L-BAND 4 W SINGLE CONTROL HIGH POWER SPDT SWITCH
logo
California Eastern Labs
UPG2155TB CEL-UPG2155TB Datasheet
309Kb / 7P
   NEC?셲 L-BAND 4 W HIGH POWER SPDT SWITCH
logo
NEC
UPG2009TB NEC-UPG2009TB_1 Datasheet
86Kb / 10P
   L-BAND HIGH POWER SPDT SWITCH
logo
California Eastern Labs
UPG2009TB CEL-UPG2009TB_09 Datasheet
1Mb / 9P
   L-BAND HIGH POWER SPDT SWITCH
logo
Renesas Technology Corp
PG2009TB RENESAS-PG2009TB_15 Datasheet
208Kb / 12P
   L-BAND HIGH POWER SPDT SWITCH
logo
California Eastern Labs
UPG2009TB CEL-UPG2009TB Datasheet
547Kb / 9P
   L, S-Band HIGH POWER SPDT SWITCH
logo
NEC
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
   L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
   L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
   L-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com