Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380FF107NF18 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 380FF107NF18
Description  EMI/RFI Non-Environmental Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380FF107NF18 Datasheet(HTML) 2 Page - Glenair, Inc.

  380FF107NF18 Datasheet HTML 1Page - Glenair, Inc. 380FF107NF18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H-15
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2008 Glenair, Inc.
Printed in U.S.A.
CAGE Codes 06324
www.glenair.com
E-Mail: sales@glenair.com
H
See Page H-2 for Table I: Backshell Interface Dimensions
Dash
No.
01
02
03
04
05
06
07
08
09
10
P
Max
.656 (16.7)
.781 (19.8)
.906 (23.0)
1.031 (26.2)
1.156 (29.4)
1.281 (32.5)
1.406 (35.7)
1.531 (38.9)
1.656 (42.1)
1.781 (45.2)
Cable Entry
Max
.125 (3.2)
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
TABLE V: CABLE ENTRY
APPLICATION NOTES
1.
When maximum cable entry is exceeded (not available in Function C), Style 2
will be supplied. Dimensions F, G, H and J will not apply. Please consult factory.
2.
Metric dimensions (mm) are indicated in parentheses.
3.
Cable range is defined as the accommodations range for the wire bundle or cable.
Dimensions shown are not intended for inspection criteria.
4.
Angular function "C", low-profile split elbow, not available with "S" connector designator.
Cable Range
Dash
No.
02
03
04
05
06
07
08
10
Min
.125 (3.2)
.250 (6.4)
.312 (7.9)
.437 (11.1)
.562 (14.3)
.687 (17.4)
.812 (20.6)
1.062 (27.0)
N
Max
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.843 (46.8)
Max
.250 (6.4)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
TABLE IV: CABLE ENTRY
TABLE II: FINISHES
Symbol
Finish
B
Cadmium Plate, Olive Drab
M
Electroless Nickel
NF
Cadmium Plate, Olive Drab
over Electroless Nickel
MT
Nickel Flourocarbon polymer (Ni-PTFE)
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
TABLE III: DIMENSIONS
F
Max
.596 (15.1)
.656 (16.7)
.716 (18.2)
.776 (19.7)
.836 (21.2)
.906 (23.0)
.976 (24.8)
1.036 (26.3)
1.096 (27.8)
H
Max
.836 (21.2)
.906 (23.0)
.966 (24.5)
1.026 (26.1)
1.086 (27.6)
1.156 (29.4)
1.216 (30.9)
1.276 (32.4)
1.336 (33.9)
M
Max
.837 (21.3)
.887 (22.5)
.887 (22.5)
.987 (25.1)
1.137 (28.9)
1.337 (34.0)
1.337 (34.0)
1.337 (34.0)
1.337 (34.0)
K
Max
.496 (12.6)
.426 (10.8)
.426 (10.8)
.436 (11.1)
.576 (14.6)
.796 (20.2)
.796 (20.2)
.696 (17.7)
.696 (17.7)
Function C Max
Wire Bundle
.250 (6.4)
.375 (9.5)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.750 (19.1)
J
Max
1.670 (42.4)
1.725 (43.8)
1.795 (45.6)
1.827 (46.4)
1.927 (48.9)
1.985 (50.4)
2.046 (52.0)
2.107 (53.5)
2.165 (55.0)
G
Max
1.730 (43.9)
1.785 (45.3)
1.855 (47.1)
1.887 (47.9)
1.987 (50.5)
2.045 (51.9)
2.106 (53.5)
2.167 (55.0)
2.225 (56.5)
L
Max
1.920 (48.8)
2.080 (52.8)
2.080 (52.8)
2.150 (54.6)
2.200 (55.9)
2.230 (56.6)
2.230 (56.6)
2.380 (60.5)
2.380 (60.5)
380-107
EMI/RFI Non-Environmental Backshell
with Strain Relief
Type D - Self-Locking - Rotatable Coupling - Split Shell


Similar Part No. - 380FF107NF18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380FF103B08 GLENAIR-380FF103B08 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FF103B10 GLENAIR-380FF103B10 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FF103B12 GLENAIR-380FF103B12 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FF103B14 GLENAIR-380FF103B14 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380FF103B16 GLENAIR-380FF103B16 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results

Similar Description - 380FF107NF18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AH104B08 GLENAIR-380AH104B08 Datasheet
92Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B08 GLENAIR-380AC105B08 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AM109B08 GLENAIR-380AM109B08 Datasheet
91Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA014B08 GLENAIR-380AA014B08 Datasheet
156Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC018B08 GLENAIR-380AC018B08 Datasheet
389Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC009B08 GLENAIR-380AC009B08 Datasheet
297Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC111B08 GLENAIR-380AC111B08 Datasheet
354Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com