Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2163T5N-E2 Datasheet(PDF) 9 Page - NEC

Part # UPG2163T5N-E2
Description  SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2163T5N-E2 Datasheet(HTML) 9 Page - NEC

  UPG2163T5N-E2 Datasheet HTML 1Page - NEC UPG2163T5N-E2 Datasheet HTML 2Page - NEC UPG2163T5N-E2 Datasheet HTML 3Page - NEC UPG2163T5N-E2 Datasheet HTML 4Page - NEC UPG2163T5N-E2 Datasheet HTML 5Page - NEC UPG2163T5N-E2 Datasheet HTML 6Page - NEC UPG2163T5N-E2 Datasheet HTML 7Page - NEC UPG2163T5N-E2 Datasheet HTML 8Page - NEC UPG2163T5N-E2 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Caution
GaAs Products
This product uses gallium arsenide (GaAs).
GaAs vapor and powder are hazardous to human health if inhaled or ingested, so please observe
the following points.
• Follow related laws and ordinances when disposing of the product. If there are no applicable laws
and/or ordinances, dispose of the product as recommended below.
1. Commission a disposal company able to (with a license to) collect, transport and dispose of
materials that contain arsenic and other such industrial waste materials.
2. Exclude the product from general industrial waste and household garbage, and ensure that the
product is controlled (as industrial waste subject to special control) up until final disposal.
• Do not burn, destroy, cut, crush, or chemically dissolve the product.
• Do not lick the product or in any way allow it to enter the mouth.
μPG2163T5N


Similar Part No. - UPG2163T5N-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2163T5N-E2 NEC-UPG2163T5N-E2 Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N-E2 CEL-UPG2163T5N-E2 Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
UPG2163T5N-E2 RENESAS-UPG2163T5N-E2 Datasheet
186Kb / 10P
   GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
logo
California Eastern Labs
UPG2163T5N-E2-A CEL-UPG2163T5N-E2-A Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
UPG2163T5N-E2-A RENESAS-UPG2163T5N-E2-A Datasheet
186Kb / 10P
   GaAs Integrated Circui Broadband SPDT Switch for Dual-Band Wireless LAN
More results

Similar Description - UPG2163T5N-E2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
PG2162T5N RENESAS-PG2162T5N Datasheet
202Kb / 11P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2164T5N CEL-UPG2164T5N_09 Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N CEL-UPG2164T5N Datasheet
313Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N-A CEL-UPG2164T5N-A Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2164T5N NEC-UPG2164T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2163T5N NEC-UPG2163T5N Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com