Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA770-250 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA770-250
Description  8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA770-250 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA770-250 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
TEL: (818) 892-0761
FAX: (818) 894-5791
8 Pin DIP 5 Tap Fast-TTL Logic
Compatible Active Delay Lines
Package Dimensions
VCC
Supply Voltage
4.75
5.25
V
VIH
High-Level Input Voltage
2.0
V
VIL
Low-Level Input Voltage
0.8
V
IIK
Input Clamp Current
-18
mA
IOH
High-Level Output Current
-1.0
mA
IOL
Low-Level Output Current
20
mA
PW*
Pulse Width of Total Delay
40
%
d*
Duty Cycle
40
%
TA
Operating Free-Air Temperature
0
+70
°C
VOH High-Level Output Voltage
VCC= min. VIL= max. I OH = max 2.7
V
VOL
Low-Level Output Voltage
VCC= min. VIH = min. I OL= max
0.5
V
VIK
Input Clamp Voltage
VCC= min. II = IIK
-1.2
V
IIH
High-Level Input Current
VCC= max. V IN = 2.7V
50
µA
VCC= max. V IN = 5.25V
1.0
mA
IIL
Low-Level Input Current
VCC= max. V IN = 0.5V
-0.6
mA
IOS
Short Circuit Output Current VCC= max. V OUT = 0.
-40
-150
mA
(One output at a time)
ICCH High-Level Supply Current
VCC= max. V IN = OPEN
15
mA
ICCL Low-Level Supply Current
VCC= max. V IN = 0
50
mA
TRO
Output Rise Time
Td
≤ 500 nS (0.75 to 2.4 Volts)
3
nS
Td > 500 nS
3
nS
NH
Fanout High-Level Output
VCC= max. V OH = 2.7V
20 TTL LOAD
NL
Fanout Low-Level Output
VCC= max. V OL = 0.5V
10 TTL LOAD
DC Electrical Characteristics
Parameter
Test Conditions
Min
Max Unit
Recommended
Operating Conditions
Min
Max
Unit
EIN
Pulse Input Voltage
3.2
Volts
PW
Pulse Width % of Total Delay
110
%
TRI
Pulse Rise Time (0.75 - 2.4 Volts)
2.0
nS
PRR
Pulse Repetition Rate @ Td
≤ 200 nS
1.0
MHz
Pulse Repetition Rate @ Td > 200 nS
100
KHz
VCC
Supply Voltage
5.0
Volts
Input Pulse Test Conditions @ 25° C
Unit
*These two values are inter-dependent.
Schematic
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS
±5% or ±2 nS
NUMBER
*1, 2, 3 (±0.5)
4±1.0
EPA770-4
*2, 4, 6 (±1.0)
8
EPA770-8
*3, 6, 9 (±1.0)
12
EPA770-12
4, 8, 12, 16 (±1.5)
20
EPA770-20
5, 10, 15, 20
25
EPA770-25
10, 20, 30, 40
50
EPA770-50
12, 24, 36, 48
60
EPA770-60
15, 30, 45, 60
75
EPA770-75
20, 40, 60, 80
100
EPA770-100
25, 50, 75, 100
125
EPA770-125
Delay times referenced from input to leading edges at 25°C, 5.0V, with no load.
TAP DELAYS
TOTAL DELAYS
PART
±5% or ±2 nS
±5% or ±2 nS
NUMBER
30, 60, 90, 120
150
EPA770-150
35, 70, 105, 140
175
EPA770-175
40, 80, 120, 160
200
EPA770-200
45, 90, 135, 180
225
EPA770-225
50, 100, 150, 200
250
EPA770-250
60, 120, 180, 240
300
EPA770-300
70, 140, 210, 280
350
EPA770-350
80, 160, 240, 320
400
EPA770-400
90, 180, 270, 360
450
EPA770-450
100, 200, 300, 400
500
EPA770-500
*Delay times referenced from 1st tap. 1st tap is the inherent delay (3.5ns ±1nS)
EPA770 07/94
7
2
6
3
5
1
4
OUTPUT
GROUND
INPUT
8
VCC
.365
Max.
.500 Max.
.280
Max.
PCA
EPA770-4
D.C.
.010
Typ.
.120 Min,
.020
Typ.
.275
Max.
.020
Typ.
White Dot
Pin#1
.100


Similar Part No. - EPA770-250

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA770-250 PCA-EPA770-250 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
More results

Similar Description - EPA770-250

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA770 PCA-EPA770_15 Datasheet
21Kb / 1P
   8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1140F-25 PCA-EPA1140F-25 Datasheet
22Kb / 1P
   SMD 8 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1145-4 PCA-EPA1145-4 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA1145 PCA-EPA1145_15 Datasheet
23Kb / 1P
   14 Pin DIP 5 Tap Fast-TTL Logic Compatible Active Delay Lines
EPA054 PCA-EPA054_15 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA054-25 PCA-EPA054-25 Datasheet
23Kb / 1P
   16 Pin DIP 5 Tap TTL Compatible Active Delay Lines
EPA509-5 PCA-EPA509-5 Datasheet
20Kb / 1P
   8 Pin DIP Dual Fast Logic TTL Compatible Active Delay Lines
EP9677 PCA-EP9677 Datasheet
19Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA600-4 PCA-EPA600-4 Datasheet
62Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
EPA600-XX PCA-EPA600-XX_15 Datasheet
62Kb / 1P
   8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com