Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380AC106B20 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 380AC106B20
Description  EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

380AC106B20 Datasheet(HTML) 2 Page - Glenair, Inc.

  380AC106B20 Datasheet HTML 1Page - Glenair, Inc. 380AC106B20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 38 - Page 49
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II.
1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied
(not available in Function C). Dimensions F, G, H and J will not apply.
Please consult factory.
2. Metric dimensions (mm) are indicated in parentheses.
3. Cable range is defined as the accommodations range for the wire bundle or
cable. Dimensions shown are not intended for inspection criteria.
4. Angular function "C", low-profile split elbow, not available with "S" connector
designator.
TABLE II: STANDARD FINISHES
See Inside Back Cover
for Additional Finish Options
GLENAIR
SYMBOL
B
M
NF
FINISH
Cadmium Plate, Olive Drab
Electroless Nickel
Cadmium Plate, Olive Drab
Over Electroless Nickel
380-106
EMI/RFI Non-Environmental Backshell
Light-Duty with Strain Relief
Type C - Self-Locking - Rotatable Coupling - Split Shell
Cable Range
Dash
No.
01
02
03
04
05
06
07
08
09
10
P
Max
.593 (15.1)
.718 (18.2)
.843 (21.4)
.968 (24.6)
1.109 (28.2)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
Cable Entry
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
Dash
No.
01
02
03
04
05
06
07
08
09
10
Min
.062
(1.6)
.125
(3.2)
.250
(6.4)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.875 (22.2)
N
Max
.781 (19.8)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
TABLE V: CABLE ENTRY
Max
.125
(3.2)
.250
(6.4)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
TABLE IV: CABLE ENTRY
F
Max
.596 (15.1)
.656 (16.7)
.716 (18.2)
.776 (19.7)
.836 (21.2)
.906 (23.0)
.976 (24.8)
1.036 (26.3)
1.096 (27.8)
H
Max
.836 (21.2)
.906 (23.0)
.966 (24.5)
1.026 (26.1)
1.086 (27.6)
1.156 (29.4)
1.216 (30.9)
1.276 (32.4)
1.336 (33.9)
M
Max
.837 (21.3)
.887 (22.5)
.887 (22.5)
.987 (25.1)
1.137 (28.9)
1.337 (34.0)
1.337 (34.0)
1.337 (34.0)
1.337 (34.0)
K
Max
.496 (12.6)
.426 (10.8)
.426 (10.8)
.436 (11.1)
.576 (14.6)
.796 (20.2)
.796 (20.2)
.696 (17.7)
.696 (17.7)
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
J
Max
1.722 (43.7)
1.785 (45.3)
1.848 (46.9)
1.875 (47.6)
1.980 (50.3)
2.035 (51.7)
2.100 (53.3)
2.160 (54.9)
2.220 (56.4)
G
Max
1.782 (45.3)
1.845 (46.9)
1.908 (48.5)
1.935 (49.1)
2.040 (51.8)
2.095 (53.2)
2.160 (54.9)
2.220 (56.4)
2.280 (57.9)
L
Max
2.062 (52.4)
2.225 (56.5)
2.218 (56.3)
2.285 (58.0)
2.340 (59.4)
2.365 (60.1)
2.370 (60.2)
2.520 (64.0)
2.360 (59.9)
TABLE III: DIMENSIONS
Function C Max
Wire Bundle
.250 (6.4)
.375 (9.5)
.375 (9.5)
.500 (12.7)
.625 (15.9)
.625 (15.9)
.625 (15.9)
.750 (19.1)
.750 (19.1)


Similar Part No. - 380AC106B20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AC105B08 GLENAIR-380AC105B08 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B10 GLENAIR-380AC105B10 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B12 GLENAIR-380AC105B12 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B14 GLENAIR-380AC105B14 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AC105B16 GLENAIR-380AC105B16 Datasheet
363Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results

Similar Description - 380AC106B20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380AH008B08 GLENAIR-380AH008B08 Datasheet
45Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AC007B08 GLENAIR-380AC007B08 Datasheet
131Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AM106B08 GLENAIR-380AM106B08 Datasheet
57Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AH106B08 GLENAIR-380AH106B08 Datasheet
48Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AM007B08 GLENAIR-380AM007B08 Datasheet
76Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380AA008B08 GLENAIR-380AA008B08 Datasheet
54Kb / 2P
   EMI/RFI Non-Environmental Backshell Light-Duty with Strain Relief
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com