Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2160T5K-E2-A Datasheet(PDF) 6 Page - NEC

Part # UPG2160T5K-E2-A
Description  L, S-BAND SPDT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2160T5K-E2-A Datasheet(HTML) 6 Page - NEC

Back Button UPG2160T5K-E2-A Datasheet HTML 2Page - NEC UPG2160T5K-E2-A Datasheet HTML 3Page - NEC UPG2160T5K-E2-A Datasheet HTML 4Page - NEC UPG2160T5K-E2-A Datasheet HTML 5Page - NEC UPG2160T5K-E2-A Datasheet HTML 6Page - NEC UPG2160T5K-E2-A Datasheet HTML 7Page - NEC UPG2160T5K-E2-A Datasheet HTML 8Page - NEC UPG2160T5K-E2-A Datasheet HTML 9Page - NEC UPG2160T5K-E2-A Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TYPICAL CHARACTERISTICS (TA = +25
°C, VDD = 2.6 V, Vcont (H) = 2.6 V, Vcont (L) = 0 V, DC cut
capacitors = 56 pF, using test fixture, unless otherwise specified)
1.3
3.1
0.7
1.9
2.5
0.1
1.3
3.1
0.7
1.9
2.5
0.1
1.3
3.1
0.7
1.9
2.5
0.1
1.3
3.1
0.7
1.9
2.5
0.1
1.3
3.1
0.7
1.9
2.5
0.1
1.3
3.1
0.7
1.9
2.5
0.1
2.0
2.5
1.0
0.5
0
–1.0
2.0
–2.5
1.5
–0.5
–1.5
2
1
3
4
5
1:
0.255 dB
0.5 GHz
2:
0.305 dB
1.0 GHz
3:
0.355 dB
2.0 GHz
4:
0.408 dB
2.5 GHz
5:
0.502 dB
3.0 GHz
1:
0.255 dB
0.5 GHz
2:
0.304 dB
1.0 GHz
3:
0.354 dB
2.0 GHz
4:
0.408 dB
2.5 GHz
5:
0.506 dB
3.0 GHz
2
1
3
4
5
40
50
20
10
0
–20
40
–50
30
–10
–30
1:
30.53 dB
0.5 GHz
2:
24.659 dB
1.0 GHz
3:
19.114 dB
2.0 GHz
4:
17.362 dB
2.5 GHz
5:
15.87 dB
3.0 GHz
2
1
3
4
5
40
50
20
10
0
–20
40
–50
30
–10
–30
1:
30.378 dB
0.5 GHz
2:
24.496 dB
1.0 GHz
3:
18.545 dB
2.0 GHz
4:
17.212 dB
2.5 GHz
5:
15.717 dB
3.0 GHz
2
1
4
5
3
40
50
20
10
0
–20
40
–50
30
–10
–30
2
1
3
4
5
1:
18.298 dB
0.5 GHz
2:
22.409 dB
1.0 GHz
3:
28.233 dB
2.0 GHz
4:
31.992 dB
2.5 GHz
5:
27.286 dB
3.0 GHz
2
1
3
4
5
1:
18.557 dB
0.5 GHz
2:
23.14 dB
1.0 GHz
3:
29.248 dB
2.0 GHz
4:
28.445 dB
2.5 GHz
5:
23.756 dB
3.0 GHz
40
50
20
10
0
–20
40
–50
30
–10
–30
2.0
2.5
1.0
0.5
0
–1.0
2.0
–2.5
1.5
–0.5
–1.5
Frequency f (GHz)
INPUT-OUTPUT1
INSERTION LOSS vs. FREQUENCY
Frequency f (GHz)
INPUT-OUTPUT2
INSERTION LOSS vs. FREQUENCY
Frequency f (GHz)
INPUT-OUTPUT1
ISOLATION vs. FREQUENCY
Frequency f (GHz)
INPUT-OUTPUT2
ISOLATION vs. FREQUENCY
Frequency f (GHz)
INPUT-OUTPUT1
INPUT RETURN LOSS vs. FREQUENCY
Frequency f (GHz)
INPUT-OUTPUT2
INPUT RETURN LOSS vs. FREQUENCY
Remark The graphs indicate nominal characteristics.
Data Sheet PG10635EJ01V0DS
6
µPG2160T5K


Similar Part No. - UPG2160T5K-E2-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2160T5K-E2-A CEL-UPG2160T5K-E2-A Datasheet
344Kb / 13P
   L, S-BAND SINGLE CONTROL SPDT SWITCH
logo
Renesas Technology Corp
UPG2160T5K-E2-A RENESAS-UPG2160T5K-E2-A Datasheet
387Kb / 14P
   GaAs INTEGRATED CIRCUIT
2006
More results

Similar Description - UPG2160T5K-E2-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB_1 Datasheet
76Kb / 11P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com