Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2164T5N Datasheet(PDF) 3 Page - NEC

Part # UPG2164T5N
Description  DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2164T5N Datasheet(HTML) 3 Page - NEC

  UPG2164T5N Datasheet HTML 1Page - NEC UPG2164T5N Datasheet HTML 2Page - NEC UPG2164T5N Datasheet HTML 3Page - NEC UPG2164T5N Datasheet HTML 4Page - NEC UPG2164T5N Datasheet HTML 5Page - NEC UPG2164T5N Datasheet HTML 6Page - NEC UPG2164T5N Datasheet HTML 7Page - NEC UPG2164T5N Datasheet HTML 8Page - NEC UPG2164T5N Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, Vcont (H) = 3.0 V, Vcont (L) = 0 V, Z0 = 50 Ω, DC blocking capacitors = 4 pF, unless
otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Insertion Loss 1
Lins1
f = 2.4 to 2.5 GHz
0.50
0.75
dB
Insertion Loss 2
Lins2
f = 4.9 to 6.0 GHz
0.70
1.00
dB
Isolation 1 (ANT to OUT)
ISL1
f = 2.4 to 2.5 GHz
22
25
dB
Isolation 2 (ANT to OUT)
ISL2
f = 4.9 to 6.0 GHz
14
17
dB
Isolation 3 (ANT1 to ANT2, TX to RX)
ISL3
f = 2.4 to 2.5 GHz
22
25
dB
Isolation 4 (ANT1 to ANT2, TX to RX)
ISL4
f = 4.9 to 6.0 GHz
15
17
dB
Input Return Loss 1
RLin1
f = 2.4 to 2.5 GHz
15
dB
Input Return Loss 2
RLin2
f = 4.9 to 6.0 GHz
15
dB
Output Return Loss 1
RLout1
f = 2.4 to 2.5 GHz
15
dB
Output Return Loss 2
RLout2
f = 4.9 to 6.0 GHz
15
dB
1 dB Loss Compression
Input Power 1
Note
Pin (1 dB) 1 f = 2.4 to 2.5 GHz
+31.0
dBm
1 dB Loss Compression
Input Power 2
Note
Pin (1 dB) 2 f = 4.9 to 6.0 GHz
+29.0
dBm
Input 3rd Order Intercept Point
IIP3
f1 = 2 500 MHz, f2 = 2 501 MHz,
Pin (1 tone) = +20 dBm
+50
dBm
Switch Control Current
Icont
0.1
1.0
μA
Switch Control Speed
tSW
50% CTL to 90/10%
50
ns
Note Pin (1 dB) is measured the input power level when the insertion loss increases more 1 dB than that of linear
range.
Caution This device is used it is necessary to use DC blocking capacitors.
Data Sheet PG10636EJ02V0DS
3
μPG2164T5N


Similar Part No. - UPG2164T5N

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2164T5N CEL-UPG2164T5N Datasheet
313Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
UPG2164T5N RENESAS-UPG2164T5N Datasheet
201Kb / 11P
   GaAs INTEGRATED CIRCUIT
2008
logo
California Eastern Labs
UPG2164T5N-A CEL-UPG2164T5N-A Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N-E2 CEL-UPG2164T5N-E2 Datasheet
313Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
UPG2164T5N-E2 RENESAS-UPG2164T5N-E2 Datasheet
201Kb / 11P
   GaAs INTEGRATED CIRCUIT
2008
More results

Similar Description - UPG2164T5N

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
PG2162T5N RENESAS-PG2162T5N Datasheet
202Kb / 11P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2164T5N CEL-UPG2164T5N_09 Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N CEL-UPG2164T5N Datasheet
313Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2164T5N-A CEL-UPG2164T5N-A Datasheet
205Kb / 8P
   DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N_1 Datasheet
79Kb / 9P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
California Eastern Labs
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
   SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N Datasheet
61Kb / 7P
   GaAs MMIC SPDT SWITCH FOR 2.4 GHz AND 5 GHz DUALBAND WIRELESS LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com