Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2159T6R Datasheet(PDF) 1 Page - NEC

Part # UPG2159T6R
Description  L, S-BAND SPDT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPG2159T6R Datasheet(HTML) 1 Page - NEC

  UPG2159T6R Datasheet HTML 1Page - NEC UPG2159T6R Datasheet HTML 2Page - NEC UPG2159T6R Datasheet HTML 3Page - NEC UPG2159T6R Datasheet HTML 4Page - NEC UPG2159T6R Datasheet HTML 5Page - NEC UPG2159T6R Datasheet HTML 6Page - NEC UPG2159T6R Datasheet HTML 7Page - NEC UPG2159T6R Datasheet HTML 8Page - NEC UPG2159T6R Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2008
DESCRIPTION
The
μPG2159T6R is a GaAs MMIC for L, S-band SPDT (Single Pole Double Throw) switch which was developed
for mobile phone and another L, S-band applications.
This device can operate 2 control switching by control voltage 1.8 to 3.3 V. This device can operate frequency from
0.05 GHz to 3.0 GHz, having the low insertion loss and high isolation.
This device is housed in a 6-pin plastic TSSON (Thin Shrink Small Out-line Non-leaded) (T6R) package. And this
package is able to high-density surface mounting.
FEATURES
• Switch control voltage
: Vcont (H) = 1.8 to 3.3 V (2.7 V TYP.)
: Vcont (L) =
−0.2 to 0.2 V (0 V TYP.)
• Low insertion loss
: Lins1 = 0.20 dB TYP. @ f = 0.05 to 0.5 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: Lins2 = 0.21 dB TYP. @ f = 0.5 to 1.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: Lins3 = 0.23 dB TYP. @ f = 1.0 to 2.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: Lins4 = 0.25 dB TYP. @ f = 2.0 to 2.5 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: Lins5 = 0.27 dB TYP. @ f = 2.5 to 3.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
• High isolation
: ISL1 = 27 dB TYP. @ f = 0.05 to 0.5 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: ISL2 = 27 dB TYP. @ f = 0.5 to 1.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: ISL3 = 27 dB TYP. @ f = 1.0 to 2.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: ISL4 = 27 dB TYP. @ f = 2.0 to 2.5 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: ISL5 = 27 dB TYP. @ f = 2.5 to 3.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
• Handling power
: Pin (1 dB) = +25.5 dBm TYP. @ f = 0.5 to 3.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
: Pin (0.1 dB) = +22.0 dBm TYP. @ f = 0.5 to 3.0 GHz, Vcont (H) = 2.7 V, Vcont (L) = 0 V
• High-density surface mounting
: 6-pin plastic TSSON (T6R) package (1.0
× 1.0 × 0.37 mm)
APPLICATIONS
• L, S-band digital cellular or cordless telephone
• W-LAN and Bluetooth
TM
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
μPG2159T6R-E2 μPG2159T6R-E2-A 6-pin plastic TSSON
(T6R) (Pb-Free)
G7
• Embossed tape 8 mm wide
• Pin 1, 6 face the perforation side of the tape
• Qty 5 kpcs/reel
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
μPG2159T6R
DATA SHEET
Caution Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can
damage this device. This device must be protected at all times from ESD. Static charges may
easily produce potentials of several kilovolts on the human body or equipment, which can
discharge without detection. Industry-standard ESD precautions must be employed at all times.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
L, S-BAND SPDT SWITCH
GaAs INTEGRATED CIRCUIT
μPG2159T6R
Document No. PG10710EJ01V0DS (1st edition)
Date Published June 2008 NS
Printed in Japan


Similar Part No. - UPG2159T6R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2159T6R RENESAS-UPG2159T6R Datasheet
310Kb / 12P
   GaAs INTEGRATED CIRCUIT
2008
UPG2159T6R-E2 RENESAS-UPG2159T6R-E2 Datasheet
310Kb / 12P
   GaAs INTEGRATED CIRCUIT
2008
UPG2159T6R-E2-A RENESAS-UPG2159T6R-E2-A Datasheet
310Kb / 12P
   GaAs INTEGRATED CIRCUIT
2008
More results

Similar Description - UPG2159T6R

ManufacturerPart #DatasheetDescription
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2030TK CEL-UPG2030TK_09 Datasheet
455Kb / 10P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2179TB NEC-UPG2179TB_1 Datasheet
76Kb / 11P
   L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2214TK CEL-UPG2214TK_09 Datasheet
511Kb / 12P
   L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TK NEC-UPG2214TK Datasheet
85Kb / 13P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com